Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2EL-X1R5E1-M3 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2EL-X1R5E1-M3
Description  Cylindrical Proximity Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X1R5E1-M3 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2EL-X1R5E1-M3 Datasheet HTML 1Page - Omron Electronics LLC E2EL-X1R5E1-M3 Datasheet HTML 2Page - Omron Electronics LLC E2EL-X1R5E1-M3 Datasheet HTML 3Page - Omron Electronics LLC E2EL-X1R5E1-M3 Datasheet HTML 4Page - Omron Electronics LLC E2EL-X1R5E1-M3 Datasheet HTML 5Page - Omron Electronics LLC E2EL-X1R5E1-M3 Datasheet HTML 6Page - Omron Electronics LLC E2EL-X1R5E1-M3 Datasheet HTML 7Page - Omron Electronics LLC E2EL-X1R5E1-M3 Datasheet HTML 8Page - Omron Electronics LLC E2EL-X1R5E1-M3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Cylindrical Proximity Sensor
E2EL
A new series of easy--to--use models for
standard-- and double--distance
H Stainless steel and brass housing
H Two housing length for each type
H Pre--wired and Plug--in connector types
H Short--circuit protection and reverse polarity
protection
Sensor 500 Ordering Information
Note:
The tables below contain part numbers for those Proximity Sensors involved in the Sensor 500 Program only. A complete listing
of all E2EL part numbers can be found on the following pages.
J CABLE TYPES
Brass housing
Item
Part numbers
Diameter
Length
Mounting
Sensing
Distance
Output
Diameter
Length
Mounting
Sensing
Distance
NPN/NO
NPN/NC
PNP/NO
PNP/NC
Æ6.5
30 mm
Shielded
1.5 mm
E2EL--C1R5E1
E2EL--C1R5E2
E2EL--C1R5F1
E2EL--C1R5F2
32 mm
Non--shielded 2.0 mm
E2EL--C2ME1
E2EL--C2ME2
E2EL--C2MF1
E2EL--C2MF2
M8
30 mm
Shielded
1.5 mm
E2EL--X1R5E1
E2EL--X1R5E2
E2EL--X1R5F1
E2EL--X1R5F2
32 mm
Non--shielded 2.0 mm
E2EL--X2ME1
E2EL--X2ME2
E2EL--X2MF1
E2EL--X2MF2
M12
41 mm
Shielded
2.0 mm
E2EL--X2E1
E2EL--X2E2
E2EL--X2F1
E2EL--X2F2
Non--shielded 4.0 mm
E2EL--X4ME1
E2EL--X4ME2
E2EL--X4MF1
E2EL--X4MF2
M18
40 mm
Shielded
5.0 mm
E2EL--X5E1
E2EL--X5E2
E2EL--X5F1
E2EL--X5F2
Non--shielded 8.0 mm
E2EL--X8ME1
E2EL--X8ME2
E2EL--X8MF1
E2EL--X8MF2
J PLUG TYPES
Brass housing
Item
Part numbers
Diameter/
Connection
Length
Mounting
Sensing
Distance
Output
Diameter/
Connection
Length
Mounting
Sensing
Distance
NPN / NO
NPN / NC
PNP / NO
PNP / NC
Æ6.5/Plug
M8
45 mm
Shielded
1.5 mm
E2EL--C1R5E1--M3
E2EL--C1R5E2--M3
E2EL--C1R5F1--M3
E2EL--C1R5F2--M3
Æ6.5/Plug
M8
47 mm
Non--shielded 2.0 mm
E2EL--C2ME1--M3
E2EL--C2ME2--M3
E2EL--C2MF1--M3
E2EL--C2MF2--M3
M8/Plug
M8
45 mm
Shielded
1.5 mm
E2EL--X1R5E1--M3
E2EL--X1R5E2--M3
E2EL--X1R5F1--M3
E2EL--X1R5F2--M3
M8/Plug
M8
47 mm
Non--shielded 2.0 mm
E2EL--X2ME1--M3
E2EL--X2ME2--M3
E2EL--X2MF1--M3
E2EL--X2MF2--M3
M12/Plug
M12
49 mm
Shielded
2.0 mm
E2EL--X2E1--M1
E2EL--X2E2--M1
E2EL--X2F1--M1
E2EL--X2F2--M1
M12/Plug
M12
Non--shielded 4.0 mm
E2EL--X4ME1--M1
E2EL--X4ME2--M1
E2EL--X4MF1--M1
E2EL--X4MF2--M1
M18/Plug
M12
53 mm
Shielded
5.0 mm
E2EL--X5E1--M1
E2EL--X5E2--M1
E2EL--X5F1--M1
E2EL--X5F2--M1
M18/Plug
M12
Non--shielded 8.0 mm
E2EL--X8ME1--M1
E2EL--X8ME2--M1
E2EL--X8MF1--M1
E2EL--X8MF2--M1


Similar Part No. - E2EL-X1R5E1-M3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X1R5E1-M3 OMRON-E2EL-X1R5E1-M3 Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
E2EL-X1R5E1-M3L OMRON-E2EL-X1R5E1-M3L Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X1R5E1-M3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com