Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6RI100G Datasheet(PDF) 2 Page - Fuji Electric

Part # 6RI100G
Description  POWER DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6RI100G Datasheet(HTML) 2 Page - Fuji Electric

  6RI100G Datasheet HTML 1Page - Fuji Electric 6RI100G Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Forward Characteristics
Forward voltage : VF [V]
Forward Average Current : IF [V]
100
80
60
40
20
0
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
0.03
0.05
0.1
0.3
0.5
1.0
time : t [sec.]
130
120
110
100
90
80
70
10-2
10-1
100
101
102
6RI100G(100A)
POWER DIODE MODULE
Forward Average Current vs. Power Loss
Forward Average Current vs. Case Temperature
Surge Current
Transient Thermal Impedance
Forward Average Current : IF [V]
time : t [sec.]
0
0.20
240
200
160
120
80
40
0
0
20
40
60
80
100
2000
1600
1200
800
400
0
0.10
Surge current
(from rated load)
Type.
Max.


Similar Part No. - 6RI100G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6RI100G-120 FUJI-6RI100G-120 Datasheet
128Kb / 4P
   POWER DIODE MODULE
logo
Inchange Semiconductor ...
6RI100G-120 ISC-6RI100G-120 Datasheet
252Kb / 2P
   Three Phases Bridge Module
logo
Fuji Electric
6RI100G-160 FUJI-6RI100G-160 Datasheet
128Kb / 4P
   POWER DIODE MODULE
More results

Similar Description - 6RI100G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2RI250E ETC2-2RI250E Datasheet
97Kb / 2P
   POWER DIODE MODULE
logo
Fuji Electric
2RI60E FUJI-2RI60E Datasheet
132Kb / 2P
   POWER DIODE MODULE
logo
eupec GmbH
BYM300A170DN2 EUPEC-BYM300A170DN2 Datasheet
309Kb / 5P
   Diode Power Module
logo
Fuji Electric
2RI250E FUJI-2RI250E Datasheet
106Kb / 4P
   POWER DIODE MODULE
6RI100G-120 FUJI-6RI100G-120 Datasheet
128Kb / 4P
   POWER DIODE MODULE
6RI30E-060 FUJI-6RI30E-060 Datasheet
120Kb / 4P
   POWER DIODE MODULE
2RI150E FUJI-2RI150E Datasheet
105Kb / 4P
   POWER DIODE MODULE
2RI60E-060 FUJI-2RI60E-060 Datasheet
137Kb / 4P
   POWER DIODE MODULE
6RI100E-060 FUJI-6RI100E-060 Datasheet
125Kb / 4P
   POWER DIODE MODULE
6RI50E-060 FUJI-6RI50E-060 Datasheet
117Kb / 4P
   POWER DIODE MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com