Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBO08-40T Datasheet(PDF) 10 Page - STMicroelectronics

Part # RBO08-40T
Description  REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO08-40T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RBO08-40T Datasheet HTML 6Page - STMicroelectronics RBO08-40T Datasheet HTML 7Page - STMicroelectronics RBO08-40T Datasheet HTML 8Page - STMicroelectronics RBO08-40T Datasheet HTML 9Page - STMicroelectronics RBO08-40T Datasheet HTML 10Page - STMicroelectronics RBO08-40T Datasheet HTML 11Page - STMicroelectronics RBO08-40T Datasheet HTML 12Page - STMicroelectronics RBO08-40T Datasheet HTML 13Page - STMicroelectronics RBO08-40T Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SUBSTRATES AND MOUNTING INFORMATION
The use of epoxy FR4 boards is quite common for
surface mounting techniques, however, their poor
thermal conduction compromises the
otherwise
outstanding
thermal
performance
of
the
PowerSO-10. Some methods to overcome this
limitation are discussed below.
One possibility to improve the thermal conduction
is the use of large heat spreader areas at the
copper layer of the PC board. This leads to a
reduction of thermal resistance to 35
°C for 6 cm2
of the board heatsink (see fig. 2).
Use of copper-filled through holes on conventional
FR4 techniques will increase the metallization and
decrease thermal resistance accordingly. Using
a configurationwith 16 holes under the spreader of
the package with a pitch of 1.8 mm and a diameter
of 0.7 mm, the thermal resistance (junction -
heatsink) can be reduced to 12
°C/W (see fig. 3).
Beside the thermal advantage, this solution allows
multi-layer boards to be used. However, a
drawback of this traditional material prevents its
use in very high power, high current circuits. For
instance, it is not advisable to surface mount
devices with currents greater than 10 A on FR4
boards. A Power Mosfet or Schottky diode in a
surface mount
power package can handle up to
around 50 A if better substrates are used.
Fig. 2 : Mounting on epoxy FR4 head dissipation by extending the area of the copper layer
Fig. 3 : Mounting on epoxy FR4 by using copper-filled through holes for heat transfer
FR4 board
Copper foil
FR4 board
Copper foil
heat transfer
heatsink
®
RBO08-40G / RBO08-40M / RBO08-40T
10/14


Similar Part No. - RBO08-40T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO08-40T STMICROELECTRONICS-RBO08-40T Datasheet
303Kb / 9P
   REVERSED BATTERY AND OVERVOLTAGE PROTECTION
More results

Similar Description - RBO08-40T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO40-40G STMICROELECTRONICS-RBO40-40G Datasheet
166Kb / 15P
   REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
January 1997 - Ed : 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com