Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODP-34-PD-1250B-LCA-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ODP-34-PD-1250B-LCA-R
Description  GPON High Power Diplexer PRELIMINARY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ODP-34-PD-1250B-LCA-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ODP-34-PD-1250B-LCA-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ODP-34-PD-1250B-LCA-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ODP-34-PD-1250B-LCA-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ODP-34-PD-1250B-LCA-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ODP-34-PE
GPON High Power Diplexer
PRELIMINARY
LUMNDS411-0403
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 • LUMINENT.COM
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminent’s sole and absolute discretion. Luminent warrants performance of its
products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are given to
describe components only, and Luminent expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties of
merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of Sale for further
warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual property
described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and Luminent makes no representations
or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this document are NOT intended
for use in implantation or other life support applications where malfunction may result in injury or death to persons. Luminent customers using or selling products for use
in such applications do so at their own risk and agree to fully defend and indemnify Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual,
consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact Luminent to
obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© Luminent, Inc. 2002
All rights reserved
Warnings
Legal Notice
Rev 0
Ordering Information
--
• Labelling, Serial Number, TIA, or shipping instructions etc.
(Separator)
Half Peak Output Power
Digital TIA
Connector Type
Customer Specific
-
-
Blank = No TIA
155
622
1250
xxxB (B=Burst)
SCX
LCX
FCX
STX
X= A (angled)
X= U(ultra)
•PX
ODP-34-
Temperature Range -
• Blank = Industrial (-40 to 85)
C= Commercial (0 to 70ºC)
R= Reduced Industrial (-20 to 85ºC)
Av
A
A ailable Options:
ODP-34-PE--155x
ODP-34-PE--622x
ODP-34-PE--1250x
Part numbering Definition:
PAA= -13 to -16dBm
PA = -9 to -13 dBm
PB=-6to-9dBm
PC=-3to-6dBm
PD=-1to-3dBm
PE=-1to+1dBm
PF = +1 and up
Min.


Similar Part No. - ODP-34-PD-1250B-LCA-R

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ODP-35-DP-HD-SSCA SOURCE-ODP-35-DP-HD-SSCA Datasheet
125Kb / 4P
   1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-DP-HD-SSCA-G5 SOURCE-ODP-35-DP-HD-SSCA-G5 Datasheet
125Kb / 4P
   1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-DP-HD-SSCA-GR SOURCE-ODP-35-DP-HD-SSCA-GR Datasheet
125Kb / 4P
   1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-DP-HDI-SSCA SOURCE-ODP-35-DP-HDI-SSCA Datasheet
125Kb / 4P
   1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-DP-HDI-SSCA-G5 SOURCE-ODP-35-DP-HDI-SSCA-G5 Datasheet
125Kb / 4P
   1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
More results

Similar Description - ODP-34-PD-1250B-LCA-R

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
logo
List of Unclassifed Man...
ODP-43-PE ETC2-ODP-43-PE Datasheet
809Kb / 4P
   FSAN High Power Diplexer
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
logo
Applied Micro Circuits ...
CS3157 AMCC-CS3157 Datasheet
38Kb / 2P
   GPON Transceiver With CDR
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
   Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
   Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
   Diplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com