Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W93-X112-50 Datasheet(PDF) 4 Page - Tyco Electronics

Part # W93-X112-50
Description  Magnetic Hydraulic Circuit Breakers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W93-X112-50 Datasheet(HTML) 4 Page - Tyco Electronics

  W93-X112-50 Datasheet HTML 1Page - Tyco Electronics W93-X112-50 Datasheet HTML 2Page - Tyco Electronics W93-X112-50 Datasheet HTML 3Page - Tyco Electronics W93-X112-50 Datasheet HTML 4Page - Tyco Electronics W93-X112-50 Datasheet HTML 5Page - Tyco Electronics W93-X112-50 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
O
N
29
°
30
°
OFF
.67
(17.02)
2.040
(51.82)
1.530
(38.86)
.235
(5.97)
1.640
(41.66)
.245
(6.22)
A
LINE
LOAD
B
2.000
(50.80)
6.32 TH'D. .14 (3.56) DP. TYP.
M3 X 0.5 OPTIONAL
1.22
(31.00)
1.05
(26.67)
1.660
(42.16)
.750
(19.05)
Ø .590
(15.00)
Note:
Multi-pole models furnished
with separate handle tie hardware.
W6 Series
Outline Dimensions - Toggle Actuator Models.
W6 Series
1 Pole
2 Pole
3 Pole
4 Pole
1.500
(38.10)
2.250
(57.15)
.750
(19.05)
1.660
(42.16)
Ø .625 +.010
-.000
(15.88 +0.25)
-0.00
1 PER POLE
Ø .156
(3.96)
[2 PLACES PER POLE]
1.048
(26.62)
Notes:
1. Terminal protrusion dimensions are referenced from back of mounting panel.
2. Main terminals are male quick connect type .250 (6.35) wide x .031 (.79)
thick x .377 (9.58) long. Optional 8-32 x .250 (6.35) or 10-32 x .250 (6.35)
screw type.
3. Panel mounting cutout detail mtg. detail tol.: ± .005 (.13) unless noted. Add
additional cutouts to correspond to number of poles. Outline drawing
tolerance ± .015 (.38) unless noted. Dimensions in brackets ( ) are in millimeters.
Panel Mounting Cutout
LOAD
LINE
2.032
(51.61)
1.530
(38.86)
.235
(5.9)
1.058
(26.87)
.827
(20.85)
.416
(10.57)
NC
NO
C
LOAD
LINE
2.38 “A” STYLE
(60.45)
LINE
LOAD
UL/CSA Models
W/Screw Terminals
UL/CSA/VDE Models
W/Aux. Switch
3.000
(76.20)
VDE Models
W/Screw Terminals


Similar Part No. - W93-X112-50

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W933R0J BOURNS-W933R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Kingbright Corporation
W934GD5V KINGBRIGHT-W934GD5V Datasheet
84Kb / 3P
   THE GREEN SOURCE COLOR DEVICES ARE MADE WITH GALLIUM PHOSPHIDE GREEN LIGHT EMITTING DIODE
logo
Winbond
W93910 WINBOND-W93910 Datasheet
267Kb / 35P
   ERMES PAGING DECODER
logo
Bourns Electronic Solut...
W939R0J BOURNS-W939R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W93-X112-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com