Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V436616R24VATG-75L Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V436616R24VATG-75L
Description  128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436616R24VATG-75L Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V436616R24VATG-75L Datasheet HTML 1Page - Mosel Vitelic, Corp V436616R24VATG-75L Datasheet HTML 2Page - Mosel Vitelic, Corp V436616R24VATG-75L Datasheet HTML 3Page - Mosel Vitelic, Corp V436616R24VATG-75L Datasheet HTML 4Page - Mosel Vitelic, Corp V436616R24VATG-75L Datasheet HTML 5Page - Mosel Vitelic, Corp V436616R24VATG-75L Datasheet HTML 6Page - Mosel Vitelic, Corp V436616R24VATG-75L Datasheet HTML 7Page - Mosel Vitelic, Corp V436616R24VATG-75L Datasheet HTML 8Page - Mosel Vitelic, Corp V436616R24VATG-75L Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
V436616R24V(L) Rev. 1.0 November 2001
MOSEL VITELIC
V436616R24V(L)
Serial Presence Detect Information
A serial presence detect storage device -
E2PROM - is assembled onto the module. Informa-
tion about the module configuration, speed, etc. is
writtenintothe E2PROM device during module pro-
duction using a serial presence detect protocol (I2C
synchronous 2-wire bus)
SPD-Table:
Byte Number
Function Described
SPD Entry Value
Hex Value
16Mx64
0
Number of SPD bytes
128
80
1
Total bytes in Serial PD
256
08
2
Memory Type
SDRAM
04
3
Number of Row Addresses (without BS bits)
13
0D
4
Number of Column Addresses (for x16 SDRAM)
9
09
5
Number of DIMM Banks
1
01
6
Module Data Width
64
40
7
Module Data Width (continued)
0
00
8
Module Interface Levels
LVTTL
01
9
SDRAM Cycle Time at CL=3
7.5 ns
75
10
SDRAM Access Time from Clock at CL=3
5.4 ns
54
11
Dimm Config (Error Det/Corr.)
none
00
12
Refresh Rate/Type
Self-Refresh, 7.8
µs82
13
SDRAM width, Primary
x16
10
14
Error Checking SDRAM Data Width
n/a / x16
00
15
Minimum Clock Delay from Back to Back Random
Column Address
tccd =1CLK
01
16
Burst Length Supported
1, 2, 4, 8
0F
17
Number of SDRAM Banks
4
04
18
Supported CAS Latencies
CL =2, 3
06
19
CS Latencies
CS Latency = 0
01
20
WE Latencies
WL = 0
01
21
SDRAM DIMM Module Attributes
Non Buffered/Non Reg.
00
22
SDRAM Device Attributes: General
Vcc tol ± 10%
0E
23
MinimumClock CycleTimeat CAS Latency = 2
10.0 ns
A0
24
Maximum Data Access Time from Clock for CL = 2
6.0 ns
60
25
Minimum Clock Cycle Time at CL = 1
Not Supported
00
26
Maximum Data Access Time from Clock at CL = 1
Not Supported
00
27
Minimum Row Precharge Time
20 ns
14
28
Minimum Row Active to Row Active Delay tRRD
15 ns
0F
29
Minimum RAS to CAS Delay tRCD
20 ns
14
30
Minimum RAS Pulse Width tRAS
45 ns
2D


Similar Part No. - V436616R24VATG-75L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
More results

Similar Description - V436616R24VATG-75L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
V826516G04S MOSEL-V826516G04S Datasheet
275Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826516B04S MOSEL-V826516B04S Datasheet
285Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
logo
Mosel Vitelic, Corp
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
logo
List of Unclassifed Man...
KVR133X64C3L128 ETC1-KVR133X64C3L128 Datasheet
34Kb / 1P
   128MB 16M x Bit PC133 CL3 Low Profile 168-Pin Dimm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com