Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2EL-X8F1-DSL2M Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E2EL-X8F1-DSL2M
Description  Cylindrical Proximity Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X8F1-DSL2M Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E2EL-X8F1-DSL2M Datasheet HTML 4Page - Omron Electronics LLC E2EL-X8F1-DSL2M Datasheet HTML 5Page - Omron Electronics LLC E2EL-X8F1-DSL2M Datasheet HTML 6Page - Omron Electronics LLC E2EL-X8F1-DSL2M Datasheet HTML 7Page - Omron Electronics LLC E2EL-X8F1-DSL2M Datasheet HTML 8Page - Omron Electronics LLC E2EL-X8F1-DSL2M Datasheet HTML 9Page - Omron Electronics LLC E2EL-X8F1-DSL2M Datasheet HTML 10Page - Omron Electronics LLC E2EL-X8F1-DSL2M Datasheet HTML 11Page - Omron Electronics LLC E2EL-X8F1-DSL2M Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
E2EL
E2EL
11
Item
Examples
Item
AND
(serial
connection)
The Sensors connected together must satisfy the
following conditions:
iL + (N–1) x i = Upper–limit of control output of each
Sensor
VS – N x VR = Load operating voltage
N =
No. of Sensors
VR =
Residual voltage of each Sensor
VS =
Supply voltage
i =
Current consumption of the Sensor
iL =
Load current
If the MY Relay, which operate at 24 VDC, is used as a
load for example, a maximum of two Proximity Sensors
can be connected to the load.
OR
(parallel
connection)
The number of Sensors connected in parallel varies with
the Proximity Sensor model.
Effects of Surrounding Metal
Shielded types:
Shielded types allow direct installation on metal plates in an em-
bedded manner without performance change. A minimum distance
of 3sn is required between the active surface and a metallic surface
in front of the device. (Fig. 1).
For SUS shielded types the following minimum distances are re-
quired to avoid performance change (see Fig.2 and table below):
Shielded SUS Types
Free zone
E2EL–C2j–DS
0,5 mm
E2EL–X2j–DS
0,5 mm
E2EL–X4j–DjS
1,0 mm
E2EL–X8j–DjS
2,0 mm
w3sn
Fig.1: Shielded type (except SUS)
w3sn
Freezone
Fig.2: Shielded SUS type
Non–shielded types:
Installation of non–shielded types in metal require the minimum di-
stances according to Fig. 3.
d
w3sn
w2sn
w3d
Fig.3: Non–shielded type


Similar Part No. - E2EL-X8F1-DSL2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X8F1-DSL OMRON-E2EL-X8F1-DSL Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X8F1-DSL2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com