Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R48A Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46R48A
Description  Cost-Effective A/D Type 8-Bit MCU
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R48A Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46R48A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R48A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R48A Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R48A Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R48A Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R48A Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R48A Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R48A Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R48A Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
11
June 5, 2008
Look-up Table
Any location within the Program Memory can be defined
as a look-up table where programmers can store fixed
data. To use the look-up table, the table pointer must
first be setup by placing the lower order address of the
look up data to be retrieved in the table pointer register,
TBLP. This register defines the lower 8-bit address of
the look-up table.
After setting up the table pointer, the table data can be
retrieved from the current Program Memory page or last
Program Memory page using the
²TABRDC[m]² or
²TABRDL [m]² instructions, respectively. When these in-
structions are executed, the lower order table byte from
the Program Memory will be transferred to the user de-
fined Data Memory register [m] as specified in the in-
struction. The higher order table data byte from the
Program Memory will be transferred to the TBLH special
register. Any unused bits in this transferred higher order
byte will be read as
²0².
The following diagram illustrates the addressing/data
flow of the look-up table:
Table Program Example
The following example shows how the table pointer and
table data is defined and retrieved from the HT46R47
microcontroller. This example uses raw table data lo-
cated in the last page which is stored there using the
ORG statement. The value at this ORG statement is
²700H² which refers to the start address of the last page
within the 2K Program Memory of the HT46R47
microcontroller. The table pointer is setup here to have
an initial value of
²06H². This will ensure that the first
data read from the data table will be at the Program
Memory address
²706H² or 6 locations after the start of
the last page. Note that the value for the table pointer is
referenced to the first address of the present page if the
²TABRDC [m]² instruction is being used. The high byte
of the table data which in this case is equal to zero will
be transferred to the TBLH register automatically when
the
²TABRDL [m]² instruction is executed.
3 F F H
N o t I m p l e m e n t e d
1 5 b i t s
1 4 b i t s
1 4 b i t s
8 0 0 H
F F F H
0 1 4 H
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
T i m e r / E v e n t C o u n t e r
I n t e r r u p t V e c t o r
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
T i m e r / E v e n t C o u n t e r
I n t e r r u p t V e c t o r
H T 4 6 R 4 7
H T 4 6 R 4 8 A
H T 4 6 R 4 9
H T 4 6 R 4 6
A / D C o n v e r t e r
I n t e r r u p t V e c t o r
A / D C o n v e r t e r
I n t e r r u p t V e c t o r
A / D C o n v e r t e r
I n t e r r u p t V e c t o r
T i m e r / E v e n t C o u n t e r
I n t e r r u p t V e c t o r
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
3 0 0 H
7 F F H
4 0 0 H
Program Memory Structure
P r o g r a m
M e m o r y
P r o g r a m C o u n t e r
H i g h B y t e
T B L P
T B L H
S p e c i f i e d b y [ m ]
T a b l e C o n t e n t s H i g h B y t e
T a b l e C o n t e n t s L o w B y t e


Similar Part No. - HT46R48A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R48AE HOLTEK-HT46R48AE Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
More results

Similar Description - HT46R48A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
HT46R47E HOLTEK-HT46R47E Datasheet
336Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com