Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL1648 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100EL1648
Description  5 V ECL Voltage Controlled Oscillator Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC100EL1648_07 Datasheet HTML 2Page - ON Semiconductor MC100EL1648_07 Datasheet HTML 3Page - ON Semiconductor MC100EL1648_07 Datasheet HTML 4Page - ON Semiconductor MC100EL1648_07 Datasheet HTML 5Page - ON Semiconductor MC100EL1648_07 Datasheet HTML 6Page - ON Semiconductor MC100EL1648_07 Datasheet HTML 7Page - ON Semiconductor MC100EL1648_07 Datasheet HTML 8Page - ON Semiconductor MC100EL1648_07 Datasheet HTML 9Page - ON Semiconductor MC100EL1648_07 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC100EL1648
http://onsemi.com
6
OPERATION THEORY
Figure 5 illustrates the simplified circuit schematic for the
MC100EL1648. The oscillator incorporates positive feedback
by coupling the base of transistor Q6 to the collector of Q7. An
automatic gain control (AGC) is incorporated to limit the
current through the emitter−coupled pair of transistors (Q7 and
Q6) and allow optimum frequency response of the oscillator.
In order to maintain the high quality factor (Q) on the oscillator,
and provide high spectral purity at the output, transistor Q4 is
used to translate the oscillator signal to the output differential
pair Q2 and Q3. Figure 16 indicates the high spectral purity
of the oscillator output (pin 4 on 8−pin SOIC). Transistors
Q2 and Q3, in conjunction with output transistor Q1,
provide a highly buffered output that produces a square
wave. The typical output waveform can be seen in Figure 4.
The bias drive for the oscillator and output buffer is provided
by Q9 and Q11 transistors. In order to minimize current, the
output circuit is realized as an emitter−follower buffer with
an on chip pull−down resistor RE.
Figure 5. Circuit Schematic
AGC
VEE
TANK
BIAS
VEE
VCC
VCC
Q4
Q3
Q2
Q1
Q5
D1
Q8
Q7 Q6
Q9
Q10
Q11
D2
OUTPUT
800
W
1.36 K
W
1.6 K
W
3.1 K
W
660
W
167
W
400
W
330
W
16 K
W
82
W
400
W
660
W
510
W
2 (14)
3 (1)
4 (3)
1 (12)
5 (5)
8 (10)
7 (8)
6 (7)
8 pin (14 pin) Lead Package


Similar Part No. - MC100EL1648_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_06 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
More results

Similar Description - MC100EL1648_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_06 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648 ONSEMI-MC100EL1648 Datasheet
165Kb / 14P
   5 V ECL Voltage Controlled Oscillator Amplifier
May, 2004 ??Rev. 4
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
SYNERGY MICROWAVE CORPO...
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com