Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10F630P13 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MDT10F630P13
Description  8-bit Micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDT10F630P13 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MDT10F630P13 Datasheet HTML 2Page - List of Unclassifed Manufacturers MDT10F630P13 Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT10F630P13 Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT10F630P13 Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT10F630P13 Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT10F630P13 Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT10F630P13 Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT10F630P13 Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT10F630P13 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MDT10F630
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P.6
2008/4
Ver. 1.0
(8). 07H : Port C data output register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port C
-
-
PC5
PC4
PC3
PC2
PC1
PC0
(9). 08 ~ 09H : Unimplemented Register.
(10).
0AH or 8AH : Program counter high byte.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PCHLAT
-
-
-
PCH4
PCH3
PCH2
PCH1
PCH0
(11).
0BH or 8BH : Interrupt control register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INTS
GIS
PEIE
TIS
INTS
PAIE
TIF
INTF
PAIF
GIS : Global Interrupt Enable Bit.
0 = Disable all interrupts
1 = Enable all un-masked interrupts
PEIE : Peripheral Interrupt Enable Bit.
0 = Disable all peripheral interrupts
1 = Enable all peripheral interrupts
TIS : TMR0 Overflow Interrupt Enable Bit.
0 = Disable the Timer0 interrupt
1 = Enable the Timer0 interrupt
INTS : PA2/INT Interrupt Enable Bit.
0 = Disable the PA2/INT interrupt
1 = Enable the PA2/INT interrupt
PAIE : PA Port Change Interrupt Enable Bit.
0 = Disable the PA port change interrupt
1 = Enable the PA port change interrupt
TIF : TMR0 Overflow Interrupt Flag Bit.
0 = Timer0 did not overflowed
1 = Timer0 has overflowed (must be cleared in software)
INTF : PA2/INT Interrupt Flag Bit.
0 = The PA2/INT interrupt did not occur
1 = The PA2/INT interrupt occurred
PAIF : PA Port Change Interrupt Flag Bit.
0 = None of the PA5~0 pins have changed state
1 = When at least one of the PA5~0 pins changed state (must be cleared in software)
(12).
0CH : Peripheral interrupt register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PIFB1
EEIF
-
-
-
CMIF
-
-
TMR1IF


Similar Part No. - MDT10F630P13

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10F630P13 MDTIC-MDT10F630P13 Datasheet
230Kb / 19P
   8-bit Micro-controller
More results

Similar Description - MDT10F630P13

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com