Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA16B6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SA16B6
Description  SCHOTTKY ARRAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA16B6 Datasheet(HTML) 4 Page - STMicroelectronics

  SA16B6 Datasheet HTML 1Page - STMicroelectronics SA16B6 Datasheet HTML 2Page - STMicroelectronics SA16B6 Datasheet HTML 3Page - STMicroelectronics SA16B6 Datasheet HTML 4Page - STMicroelectronics SA16B6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL APPLICATION
VCC
µP
High speed
memory
Bus
SAxxBx
PACKAGE MECHANICAL DATA
SO-16
9
8
1
16
D (1)
M
F (1)
b
e3
e
A
a2
G
L
C
c1
b1
a1
E
S
(1) Do not include mold
flash or protr usions. Mold
flash or protr usions shall
not exceed 0.15mm
(0.006inches)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.20 0.004
0.008
a2
1.6
0.063
b
0.35
0.46 0.014
0.018
b1
0.19
0.25 0.007
0.010
C
0.5
0.020
c1
45
°(typ.)
D
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.150
0.158
G
4.6
5.3
0.181
0.209
L
0.5
1.27 0.020
0.050
M
0.75
0.030
S8
°(typ.)
Weight : 0.160g
Type
Package
Marking
SA12B5
SO16
SA12B5
SA16B3
SO20
SA16B3
SA16B6
SSOP20
SA16B6
MARKING
SA12B5 / SA16B3 / SA16B6
4/5


Similar Part No. - SA16B6

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SA16 CHENDA-SA16 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA16 PANJIT-SA16 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA16 FCI-SA16 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA16 TSC-SA16 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA16 CHONGQING-SA16 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA16B6

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT54ADW RECTRON-BAT54ADW Datasheet
156Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
2021-04/01 REV: O
logo
First Silicon Co., Ltd
FDR54BRW FS-FDR54BRW Datasheet
575Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
logo
Jiangsu Changjiang Elec...
BAS70BRW JIANGSU-BAS70BRW Datasheet
4Mb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
BAT54ADW JIANGSU-BAT54ADW Datasheet
843Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
logo
Pan Jit International I...
BAT54STB-TB6 PANJIT-BAT54STB-TB6 Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_11 Datasheet
100Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU Datasheet
98Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_17 Datasheet
170Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU_16 Datasheet
131Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW_09 Datasheet
173Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com