Electronic Components Datasheet Search |
|
MC100EL1648DTG Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC100EL1648DTG Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 16 page MC100EL1648 http://onsemi.com 2 13 14 12 11 10 9 8 2 1 3456 7 VCC NC TANK NC BIAS NC VEE VCC NC OUT NC AGC NC VEE BIAS TANK VEE VCC VCC AGC OUT Figure 2. Pinout Assignments VEE 8 Lead 14 Lead Warning: All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. 12 3 7 4 5 6 8 Table 1. PIN DESCRIPTION Pin No. Symbol Description 8 Lead 14 Lead 1 12 TANK OSC Input Voltage 2, 3 1, 14 VCC Positive Supply 4 3 OUT ECL Output 5 5 AGC Automatic Gain Control Input 6, 7 7, 8 VEE Negative Output 8 10 BIAS OSC Input Reference Voltage 2, 4, 7, 9, 11, 13 NC No Connect EP Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open. Table 2. ATTRIBUTES Characteristic Value Internal Input Pulldown Resistor N/A Internal Input Pullup Resistor N/A ESD Protection Human Body Model Machine Model Charged Device Model > 1 kV > 100 V > 1 kV Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Pb Pkg Pb−Free Pkg SOIC−8 TSSOP−8 SOEIAJ−14 DFN8 Level 1 Level 1 Level 3 Level 1 Level 1 Level 3 Level 3 Level 1 Flammability Rating Oxygen Index: 23 to 34 UL 94 V−0 @ 0.125 in Transistor Count 11 Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test 1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D. |
Similar Part No. - MC100EL1648DTG |
|
Similar Description - MC100EL1648DTG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |