Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQG21NR12K10 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # LQG21NR12K10
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQG21NR12K10 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button LQG21NR12K10 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQG21NR12K10 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQG21NR12K10 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQG21NR12K10 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQG21NR12K10 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LQG21NR12K10 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LQG21NR12K10 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LQG21NR12K10 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LQG21NR12K10 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
!DIMENSIONS
Multilayer Chip Inductor LQG11N Series
CHIP COIL
8
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
Magnetically Shielded Multilayer Chip Coil
Excellent for High Density Mounting
The LQG11N series, of magnetically shielded chip coil was
developed by using original multilayer process technology and
magnetic materials.
Compact size is suitable for high density mounting.
Shielded construction is not affected by interference from
peripheral components.
!FEATURES
1. Magnetically shielded structure provides excellent
characteristics in cross talk and magnetic coupling.
2. Compact size (1.6
Z0.8mm) and light weight.
3. The external electrodes with nickel barrier structure provide
excellent solder heat resistance. Both flow and reflow
soldering can be applicable.
!APPLICATIONS
¡Resonance circuit, traps, filter circuits and RF choke in
telecommunication equipments, cordless phones, radio
equipments.
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)


Similar Part No. - LQG21NR12K10

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
LQG11A47NJ00 RFMD-LQG11A47NJ00 Datasheet
1Mb / 11P
   225MHz TO 1215MHz, 9W GaN WIDEBAND
logo
Murata Manufacturing Co...
LQG15HH10NG02 MURATA-LQG15HH10NG02 Datasheet
75Kb / 2P
   Inductance
LQG15HH10NG02B MURATA-LQG15HH10NG02B Datasheet
75Kb / 2P
   Inductance
LQG15HH10NG02D MURATA-LQG15HH10NG02D Datasheet
75Kb / 2P
   Inductance
LQG15HH10NG02J MURATA-LQG15HH10NG02J Datasheet
75Kb / 2P
   Inductance
More results

Similar Description - LQG21NR12K10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com