Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3335AMN150R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3335AMN150R2G
Description  Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3335AMN150R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3335AMN150R2G Datasheet HTML 1Page - ON Semiconductor NCP3335AMN150R2G Datasheet HTML 2Page - ON Semiconductor NCP3335AMN150R2G Datasheet HTML 3Page - ON Semiconductor NCP3335AMN150R2G Datasheet HTML 4Page - ON Semiconductor NCP3335AMN150R2G Datasheet HTML 5Page - ON Semiconductor NCP3335AMN150R2G Datasheet HTML 6Page - ON Semiconductor NCP3335AMN150R2G Datasheet HTML 7Page - ON Semiconductor NCP3335AMN150R2G Datasheet HTML 8Page - ON Semiconductor NCP3335AMN150R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NCP3335A
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
Fixed Version
Micro8
Pin No.
DFN10
Pin No.
Pin Name
Description
1, 2
1, 2
Vout
Regulated output voltage. Bypass to ground with Cout w 1.0 mF.
3
3
SENSE
For output voltage sensing, connect to Pins 1 and 2.
4
4
GND
Power Supply Ground
5
7
NR
Noise Reduction Pin. This is an optional pin used to further reduce noise.
6
8
SD
Shutdown pin. When not in use, this pin should be connected to the input pin.
7, 8
9, 10
Vin
Power Supply Input Voltage
-
5, 6
NC
Not Connected
-
EPAD
EPAD
Exposed thermal pad should be connected to ground.
Adjustable Version
1, 2
1, 2
Vout
Regulated output voltage. Bypass to ground with Cout w 1.0 mF.
3
3
Adj
Adjustable pin; reference voltage = 1.25 V.
4
4
GND
Power Supply Ground
5
7
NR
Noise Reduction Pin. This is an optional pin used to further reduce noise.
6
8
SD
Shutdown pin. When not in use, this pin should be connected to the input pin.
7, 8
9, 10
Vin
Power Supply Input Voltage
-
5, 6
NC
Not Connected
-
EPAD
EPAD
Exposed thermal pad should be connected to ground.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to +16
V
Output Voltage
Vout
-0.3 to Vin +0.3 or 10 V*
V
Shutdown Pin Voltage
Vsh
-0.3 to +16
V
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
Tstg
-50 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE:
This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) JESD 22-A114-B
Machine Model (MM) JESD 22-A115-A
*Which ever is less. Reverse bias protection feature valid only if Vout - Vin ≤ 7 V.
THERMAL CHARACTERISTICS
Characteristic
Test Conditions (Typical Value)
Unit
Min Pad Board (Note 1)
1
, Pad Board (Note 1)
Micro 8
Junction-to-Air ,
qJA
264
174
°C/W
Junction-to-Pin,
yJL2
110
100
°C/W
10 Lead DFN EPad
Junction-to-Air ,
qJA
215
66
°C/W
Junction-to-Pin,
yJL2
55
17
°C/W
1. As mounted on a 35 x 35 x 1.5 mm FR4 Substrate, with a single layer of a specified copper area of 2 oz (0.07 mm thick) copper traces and
heat spreading area. JEDEC 51 specifications for a low and high conductivity test board recommend a 2 oz copper thickness. Test conditions
are under natural convection or zero air flow.


Similar Part No. - NCP3335AMN150R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3335AMN150R2G ONSEMI-NCP3335AMN150R2G Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
More results

Similar Description - NCP3335AMN150R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
NCV8535 ONSEMI-NCV8535_13 Datasheet
394Kb / 22P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
May, 2013 ??Rev. 4
NCV8535 ONSEMI-NCV8535 Datasheet
388Kb / 22P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
January, 2010 ??Rev. 2
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com