Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDPXXD28 Datasheet(PDF) 9 Page - Sensitron

Part # SPDPXXD28
Description  DC Solid State Power Controller Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDPXXD28 Datasheet(HTML) 9 Page - Sensitron

Back Button SPDPXXD28 Datasheet HTML 5Page - Sensitron SPDPXXD28 Datasheet HTML 6Page - Sensitron SPDPXXD28 Datasheet HTML 7Page - Sensitron SPDPXXD28 Datasheet HTML 8Page - Sensitron SPDPXXD28 Datasheet HTML 9Page - Sensitron SPDPXXD28 Datasheet HTML 10Page - Sensitron SPDPXXD28 Datasheet HTML 11Page - Sensitron SPDPXXD28 Datasheet HTML 12Page - Sensitron SPDPXXD28 Datasheet HTML 13Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5002, Rev B
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com • Page 9
SPDPXXD28 SERIES
Table 6 – CONTROL, LOAD & GATE Truth Table
State
CONTROL
LOAD
GATE
Comments
1
L
L
L
SSPC failure or shorted LOAD output to ground
2
L
L
H
SSPC failure
3
L
H
L
Normal OFF condition
4
L
H
H
SSPC failure or shorted GATE output to BIAS supply
5
H
L
L
SSPC failure or shorted GATE output to ground
6
H
L
H
Normal ON condition with load current > 15% rated current
7
H
H
L
Tripped
8
H
H
H
Normal ON condition with load current < 5% rated current
Wire Size
MIL-W-5088L has a chart the shows wire size as a function of wire temperature and current. This chart is for a
single copper wire in free air. For an ambient temperature of 70
oC, the chart allows an 18-gauge wire to handle
25 Amps continuously at a wire temperature of 200
oC – a wire temperature rise of 130 oC. For a wire
temperature limited to 150
oC, the chart requires a 16-gauge wire and for a wire temperature of 105 oC, the chart
requires a 14-gauge wire.
Amendment 1 of MIL-W-5088L has a table for copper wire in a bundle, group or harness with condition on the
number of wires, percent of total harness capacity, etc. This table shows that a 12 gauge wire is necessary for
200
oC operation, 10-gauge for 150 oC and 8-gauge for 105 oC.
MIL-W-5088L has various figures showing derating for harnesses as a function of the number of current carrying
conductors for different altitudes. MIL-W-5088L only specifies wire for DC or RMS AC conditions, not for
transient or overload conditions. MIL-W-5088L and its amendment should be consulted to determine minimum
wire sizes for other currents and conditions.
For transient or overload conditions, the transient or overload happens so quickly that heat is not transferred
from the wire to the surroundings. The heat caused by the I
2R heating of the wire causes the temperature to
rise at a linear rate controlled by the heat capacity of the wire. The equation for this linear rise in temperature,
with respect to time, can be solved as: I
2t = constant. Every wire has an I2t rating that’s dependent on the
temperature rise allowed and the diameter of the wire. If the I
2t rating of the SSPC or circuit breaker is less than
the I
2t rating of the wire, then the SSPC or circuit breaker can protect the wire. The maximum I2t rating for the
SPD2P05D28 is 7.45 x 10
3 Amp2-Seconds. Every wire size in the paragraphs above has an I2t rating that
exceeds the SPDP25D28 I
2t rating for the temperature rises stated. Therefore, to select a wire size, it’s simply a
matter of determining the maximum temperature rise of the application and deciding whether or not the wire will
be in a bundle and use the information above. Similarly, the I
2t ratings for the SPDP12D28 and SPDP05D28
are 1.72 x 10
3 Amp2-Seconds and 300 Amp2-Seconds, respectively.


Similar Part No. - SPDPXXD28

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28-1 SENSITRON-SPDPXXD28-1 Datasheet
249Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDPXXD28

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
SPD-8A115 SENSITRON-SPD-8A115 Datasheet
71Kb / 4P
   AC/DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com