Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1221J-050 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1221J-050
Description  LOW NOISE ANALOG ACCELEROMETER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1221J-050 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1221J-050 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1221J-050 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1221J-050 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1221J-050 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1221J-050 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1221J-050 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1221J-050 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Silicon Designs, Inc.
 1445 NW Mall Street, Issaquah, WA 98027-5344  Phone: 425-391-8329  Fax: 425-391-0446
web site: www.silicondesigns.com
[page 1]
Aug 05
SILICON DESIGNS, INC
Model 1221
LOW NOISE ANALOG ACCELEROMETER
 SENSOR: Capacitive Micromachined
Nitrogen Damped
Hermetically Sealed
 Low Noise: 5 g/
Hz
___
typical for
2g Full Scale Version
 Internal Temperature Sensor
 ±4V Differential Output or
0.5V to 4.5V Single Ended Output
 Fully Calibrated
 Responds to DC & AC Acceleration
 -55 to +125 °C Operation
 +5 VDC, 8 mA Power (typical)
 Non-Standard g Ranges Available
 Integrated Sensor & Amplifier
 LCC or J-Lead Surface
Mount Package
 Serialized for Traceability
 Pin Compatible with Model 1210
'(6&5,37,21
ORDERING INFORMATION
Full Scale
Acceleration
Hermetic Packages
20 pin LCC
20 pin JLCC
±2 g
1221L-002
1221J-002
±5 g
1221L-005
1221J-005
±10 g
1221L-010
1221J-010
±25 g
1221L-025
1221J-025
±50 g
1221L-050
1221J-050
±100 g
1221L-100
1221J-100
±200 g
1221L-200
1221J-200
±400 g
1221L-400
1221J-400
The Model 1221 is a low-cost, integrated accelerometer for use in zero to medium frequency instrumentation
applications that require extremely low noise. The 2g version is ideally suited for seismic applications. Each
miniature, hermetically sealed package combines a micro-machined capacitive sense element and a custom
integrated circuit that includes a sense amplifier and differential output stage. It is relatively insensitive to temperature
changes and thermal gradients. Each device is marked with a serial number on its bottom surface for traceability.
An optional calibration test sheet (1221-TST) is also available which lists the measured bias, scale factor, linearity, operating
current and frequency response.
23(5$7,21
The Model 1221 produces two analog output voltages which vary with acceleration as shown in the figure below. The
outputs can be used either in differential or single ended mode referenced to +2.5 volts. Two reference voltages, +5.0
and +2.5 volts (nominal), are required; the output scale factor is ratiometric to the +5 volt reference voltage, and both
outputs at zero acceleration are equal to the +2.5 volt reference. The sensitive axis is perpendicular to the bottom
of the package, with positive acceleration defined as
a force pushing on the bottom of the package.
$33/,&$7,216
 Seismic Monitoring
 Appliances
 Earthquake Detection  Robotics
 Security Systems
 Crash Testing
 Machine Control
 Vibration Monitoring
 Modal Analysis
 Vibration Analysis
 Instrumentation
 Vehicle Dynamics


Similar Part No. - 1221J-050

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1221 YANTEL-1221 Datasheet
80Kb / 2P
   Variable RF Inductor
logo
Alpha Wire
1221 ALPHAWIRE-1221 Datasheet
106Kb / 3P
   Customer Specification
9/8/2022
logo
RAF ELECTRONIC HARDWARE
1221-12-PH RAF-1221-12-PH Datasheet
48Kb / 1P
   1/2 ROUND SPACERS
1221-25-AL RAF-1221-25-AL Datasheet
48Kb / 1P
   1/2 ROUND SPACERS
logo
Amphenol Corporation
1221-40049 AMPHENOL-1221-40049 Datasheet
113Kb / 1P
   SMP JACK W/ QUARTER BACK NUT FOR 횠.085 CABLE
More results

Similar Description - 1221J-050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXA2500U ETC1-MXA2500U Datasheet
321Kb / 8P
   Ultra Low Noise, 1g Dual Axis Accelerometer with Analog Outputs
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
   Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
MEMSIC Semiconductor (T...
MXA2500E MEMSIC-MXA2500E Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com