Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6285EET-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6285EET-T
Description  16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6285EET-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6285EET-T Datasheet HTML 2Page - Allegro MicroSystems A6285EET-T Datasheet HTML 3Page - Allegro MicroSystems A6285EET-T Datasheet HTML 4Page - Allegro MicroSystems A6285EET-T Datasheet HTML 5Page - Allegro MicroSystems A6285EET-T Datasheet HTML 6Page - Allegro MicroSystems A6285EET-T Datasheet HTML 7Page - Allegro MicroSystems A6285EET-T Datasheet HTML 8Page - Allegro MicroSystems A6285EET-T Datasheet HTML 9Page - Allegro MicroSystems A6285EET-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
16-Channel Constant-Current Latched LED Driver
with Open LED Detection and Dot Correction
A6285
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
SWITCHING CHARACTERISTICS at TA1 = 25°C, VDD = VIH = 3.0 to 5.5 V, VDS = 1 V, VIL = 0 V, REXT = 1.2 kΩ, IO = 40 mA,
VL = 3 V, RL = 51 Ω, CL = 15 pF (see table 9)
Characteristic
Symbol
Test Conditions
Min.
Typ.2
Max.
Unit
Clock Frequency
fCLK
CLK
30
MHz
Clock Pulse Duration
twh0/twl0
CLK = High/Low
16
ns
Clock Frequency (cascaded)
fCLKC
CLK
25
MHz
LE Pulse Duration
twh1
LE = High
20
ns
Setup Time
tsu0
SDI to CLK↑
10
ns
tsu1
CLK↑ to LE↑
10
ns
tsu2
MODE↑↓ to CLK↑
10
ns
tsu3
MODE↑↓ to LE↑
10
ns
Hold Time
th0
CLK↑ to SDI
10
ns
th1
LE↓ to CLK↑
10
ns
th2
CLK↑ to MODE↑↓
10
ns
th3
LE↓ to MODE↑↓
10
ns
Rise Time
tr0
SDO, 10/90% points (see figure 1)
16
ns
tr1
OUTx, VDD = 5 V, DC = 127, 10/90% points
(see figure 2)
–10
30
ns
Fall Time
tf0
SDO, 10/90% points (see figure 1)
16
ns
tf1
OUTx, VDD = 5 V, DC = 127, 10/90% points
(see figure 2)
–10
30
ns
Propagation Delay Time
tpd0
CLK↑ to SDO↑↓ (see figure 1)
30
ns
tpd1
MODE↑↓ to SDO↑↓ (see figure 1)
30
ns
tpd2
O¯¯E¯↓ to OUT0↑↓ (see figure 2)
60
ns
tpd3
LE↑ to OUT0↑↓ (see figure 2)
60
ns
tpd4
OUTx↑↓ to FAULT↑↓ (see figures 2 and 3)
1000
ns
tpd5
LE↑ to IOUT (DC) (see figure 2)
200
ns
LOD Sample and Read Time
tLOD
LE1↑ to LE2
1660
ns
Output Delay Time
td
OUTx↑↓ to OUT(x+1)↑↓ (see figure 2)
10
20
40
ns
1Tested at 25°C. Specifications are assured by design and characterization over the operating temperature range of –40°C to 85°C.
2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for
individual units, within the specified maximum and minimum limits d maximum and minimum limits.
SDO
15 pF
OUTx
A6285
51
15 pF
A6285
FAULT
A6285
1.2
k
Parameter Measurement Information
Figure 1. Test circuit for tr0, tf0, td0,
and td1
Figure 2. Test circuit for tr1, tf1, tpd2,
tpd3, tpd5, and tpd6
Figure 3. Test circuit for tpd4


Similar Part No. - A6285EET-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280EA-T ALLEGRO-A6280EA-T Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280EESTR-T ALLEGRO-A6280EESTR-T Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
More results

Similar Description - A6285EET-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6278 ALLEGRO-A6278_07 Datasheet
652Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
A6278 ALLEGRO-A6278 Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923 TI1-TLC5923_17 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com