Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTCCL09H471DYE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTCCL09H471DYE
Description  30 to 60 V PTC Thermistors For Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL09H471DYE Datasheet(HTML) 1 Page - Vishay Siliconix

  PTCCL09H471DYE Datasheet HTML 1Page - Vishay Siliconix PTCCL09H471DYE Datasheet HTML 2Page - Vishay Siliconix PTCCL09H471DYE Datasheet HTML 3Page - Vishay Siliconix PTCCL09H471DYE Datasheet HTML 4Page - Vishay Siliconix PTCCL09H471DYE Datasheet HTML 5Page - Vishay Siliconix PTCCL09H471DYE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2381 66. 5...1 / PTCCL..H...BE
Vishay BCcomponents
Document Number: 29085
For technical questions contact: nlr.europe@vishay.com
www.vishay.com
Revision: 12-Dec-05
1
30 to 60 V PTC Thermistors For
Overload Protection
FEATURES
• Wide range of trip and non-trip currents: from 94 mA up to
2 A for the trip current
• Wide range of resistance: from 0.3 Ω up to 50 Ω
• Small ratio between trip and non-trip currents
(It/Int = 1.5 at 25 °C)
• High maximum inrush current
• Excellent long term behaviour, also in humidity
• Leaded parts withstand mechanical stresses and vibration
• UL file E148885 according to XGPU standard UL1434
• UL approved PTCs are guaranteed to withstand severe
test programs
• Long-life cycle tests (over 5000 trip cycles)
• Long-life storage tests (3000 hours at 250 °C)
• Electrical cycle tests at low ambient temperatures
(- 40 °C or 0 °C)
• Damp-heat and water immersion tests
• Overvoltage tests at up to 200 % of rated voltage
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Telecommunications
• Automotive systems
• Industrial electronics
• Consumer electronics
• Electronic data processing
DESCRIPTION
These
directly
heated
thermistors
have
a
positive
temperature coefficient and are primarily intended for
overload protection. They consist of a naked disc with two
tinned brass or copper clad steel leads and coated. Leadless
disks and leaded disks without coating are available on
request.
MOUNTING
The PTC Thermistors are suitable for processing on
automatic insertion equipment.
Soldering
< 240 °C; duration < 5 s
Resistance to heat
< 260 °C; duration < 5 s
MARKING
Only the grey lacquered thermistors with a diameter of 8.5 to
20.5 mm are marked with BC, R25 value (example 1R9) on
one side and Int, Vmax on the other side.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Switch temperature
140
°C
Maximum voltage (DC)
30 to 60
V
Temperature range
- 40 to + 85
°C
Climatic category
40/125/56


Similar Part No. - PTCCL09H471DYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL09H471DYE VISHAY-PTCCL09H471DYE Datasheet
181Kb / 6P
   30 V to 60 V PTC Thermistors For Overload Protection
Revision: 29-Jul-09
More results

Similar Description - PTCCL09H471DYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H131EBE VISHAY-PTCCL05H131EBE Datasheet
181Kb / 6P
   30 V to 60 V PTC Thermistors For Overload Protection
Revision: 29-Jul-09
PTCCL-30-V VISHAY-PTCCL-30-V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-30V VISHAY-PTCCL-30V_V01 Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-30V VISHAY-PTCCL-30V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com