Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV321RAILT Datasheet(PDF) 2 Page - Texas Instruments

Part # TSV321RAILT
Description  General purpose input/output rail-to-rail low power operational amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSV321RAILT Datasheet(HTML) 2 Page - Texas Instruments

  TSV321RAILT Datasheet HTML 1Page - Texas Instruments TSV321RAILT Datasheet HTML 2Page - Texas Instruments TSV321RAILT Datasheet HTML 3Page - Texas Instruments TSV321RAILT Datasheet HTML 4Page - Texas Instruments TSV321RAILT Datasheet HTML 5Page - Texas Instruments TSV321RAILT Datasheet HTML 6Page - Texas Instruments TSV321RAILT Datasheet HTML 7Page - Texas Instruments TSV321RAILT Datasheet HTML 8Page - Texas Instruments TSV321RAILT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute maximum ratings and operating conditions
TSV321-TSV358-TSV324
2/17
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values, except differential voltage are with respect to network terminal.
7V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If
Vid > ±1 V, the maximum input current must not exceed ±1 mA. When Vid > ±1 V, an input series resistor
must be added to limit input current.
±1
V
Vin
Input voltage
VDD-0.3 to VCC +0.3
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
MiniSO-8
3.
Short-circuits can cause excessive heating and destructive dissipation. Rth are typical values.
250
125
105
120
100
190
°C/W
Rthjc
Thermal resistance junction to case (3)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
MiniSO-8
81
40
31
37
32
39
°C/W
ESD
HBM: human body model(4)
4.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
2kV
MM: machine model(5)
5.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
200
V
CDM: charged device model(6)
6.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Latch-up immunity
200
mA
Lead temperature (soldering, 10s)
250
°C
Output short-circuit duration
See note(7)
7.
Short-circuits from the output to VCCcan cause excessive heating. The maximum output current is
approximately 80 mA, independent of the magnitude of VCC. Destructive dissipation can result from
simultaneous short-circuits on all amplifiers.


Similar Part No. - TSV321RAILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV321RAILT STMICROELECTRONICS-TSV321RAILT Datasheet
217Kb / 15P
   General Purpose, Input/Output Rail-to-Rail Low Power Operational Amplifiers
TSV321RAILT STMICROELECTRONICS-TSV321RAILT Datasheet
278Kb / 19P
   General purpose input/output rail-to-rail low power operational amplifiers
More results

Similar Description - TSV321RAILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV321 STMICROELECTRONICS-TSV321_07 Datasheet
278Kb / 19P
   General purpose input/output rail-to-rail low power operational amplifiers
TSV321 STMICROELECTRONICS-TSV321 Datasheet
217Kb / 15P
   General Purpose, Input/Output Rail-to-Rail Low Power Operational Amplifiers
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com