Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

238166351321 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 238166351321
Description  30 to 60 V PTC Thermistors For Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

238166351321 Datasheet(HTML) 6 Page - Vishay Siliconix

  238166351321 Datasheet HTML 1Page - Vishay Siliconix 238166351321 Datasheet HTML 2Page - Vishay Siliconix 238166351321 Datasheet HTML 3Page - Vishay Siliconix 238166351321 Datasheet HTML 4Page - Vishay Siliconix 238166351321 Datasheet HTML 5Page - Vishay Siliconix 238166351321 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
Vishay
Document Number: 91000
www.vishay.com
Revision: 08-Apr-05
1
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc.,
or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, by
estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's
terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express
or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness
for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify Vishay for any damages resulting from such improper use or sale.


Similar Part No. - 238166351321

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
238166197 VISHAY-238166197 Datasheet
96Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Oct-09
More results

Similar Description - 238166351321

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H131EBE VISHAY-PTCCL05H131EBE Datasheet
181Kb / 6P
   30 V to 60 V PTC Thermistors For Overload Protection
Revision: 29-Jul-09
PTCCL-30-V VISHAY-PTCCL-30-V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-30V VISHAY-PTCCL-30V_V01 Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-30V VISHAY-PTCCL-30V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com