Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTCCL17H112DBE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PTCCL17H112DBE
Description  30 to 60 V PTC Thermistors For Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL17H112DBE Datasheet(HTML) 4 Page - Vishay Siliconix

  PTCCL17H112DBE Datasheet HTML 1Page - Vishay Siliconix PTCCL17H112DBE Datasheet HTML 2Page - Vishay Siliconix PTCCL17H112DBE Datasheet HTML 3Page - Vishay Siliconix PTCCL17H112DBE Datasheet HTML 4Page - Vishay Siliconix PTCCL17H112DBE Datasheet HTML 5Page - Vishay Siliconix PTCCL17H112DBE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29085
4
Revision: 12-Dec-05
2381 66. 5...1 / PTCCL..H...BE
Vishay
30 to 60 V PTC Thermistors For
Overload Protection
PTC THERMISTORS ON TAPE ON REEL
T
H2
H3
h
h
L
d
P0
P1
F
D0
W0
W2
W1 W
P
T1
t
H1
H0
P
P
D
Fig. 1b
Fig. 1c
T
H2
H3
h
h
L
P0
P1
F
D0
W0
W2
W1 W
P
T1
t
H1
H0
P
P
d
D
TAPE AND REEL ACCORDING TO IEC60286-2 dimensions in millimeters
SYMBOL
PARAMETER
DIMENSIONS
TOLERANCE
REMARKS
D
d
D0
body diameter
lead diameter
feed hole diameter
see table
0.6
4.0
max
± 10 %
± 0.2
F
lead to lead distance
5.0
+ 0.6
- 0.1
guaranteed between
component and tape
H0
H2
H3
H4
∆h
lead wire clinch height
component bottom to seating plane
component top to seating plane
seating plane difference
(left-right lead)
component alignment
16.0
4.0
D + 5
0
0
± 0.5
± 1.0
max.
± 0.2
± 2.0
L1
lead length
20
min.
T
t
total thinkness
total tape thickness
4.0
0.9
max.
max.
with cardboard tape
0.5 ± 0.1


Similar Part No. - PTCCL17H112DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL17H112DBE VISHAY-PTCCL17H112DBE Datasheet
181Kb / 6P
   30 V to 60 V PTC Thermistors For Overload Protection
Revision: 29-Jul-09
PTCCL17H112DBE VISHAY-PTCCL17H112DBE Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL17H112DBE VISHAY-PTCCL17H112DBE Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL17H112DBE VISHAY-PTCCL17H112DBE Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL17H112DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H131EBE VISHAY-PTCCL05H131EBE Datasheet
181Kb / 6P
   30 V to 60 V PTC Thermistors For Overload Protection
Revision: 29-Jul-09
PTCCL-30-V VISHAY-PTCCL-30-V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-30V VISHAY-PTCCL-30V_V01 Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-30V VISHAY-PTCCL-30V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com