Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V436616R24VATG-10PCL Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V436616R24VATG-10PCL
Description  128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436616R24VATG-10PCL Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V436616R24VATG-10PCL Datasheet HTML 4Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 5Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 6Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 7Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 8Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 9Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 10Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 11Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOSEL VITELIC
V436616R24V(L)
9
V436616R24V(L) Rev.1.0 November 2001
Notes:
1.
The specified values are valid when addresses are changed no more than once during tCK(min.) and when No
Operation commands are registered on every rising clock edge during tRC(min). Values are shown per module
bank.
2.
The specified values are valid when data inputs (DQ’s) are stable during tRC(min.).
3.
All AC characteristics are shown for device level.
An initial pause of 100
µs is required after power-up, then a Precharge All Banks command must be given followed
by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin.
4.
AC timing tests have VIL =0.4V and VIH = 2.4V with the timing referenced to the 1.4V crossover point. The transition
time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit
shown. Specific tac and toh parameters are measured with a 50 pF only, without any resistive termination and with
a input signal of 1V / ns edge rate between 0.8V and 2.0V.
5.
If clock rising time is longer than 1 ns, a time (tT/2 -0.5) ns has to be added to this parameter.
6.
Rated at 1.5V
7.
If tT is longer than 1 ns, a time (tT -1) ns has to be added to this parameter.
8.
Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be
given to “wake-up” the device.
9.
Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high.
Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command
is registered.
10.
Referenced to the time which the output achieves the open circuit condition, not to output voltage levels.
11.
tDAL is equivalent to tDPL +tRP.
1.4V
1.4V
tSETUP
tHOLD
tAC
tAC
tLZ
tOH
tHZ
CLOCK
INPUT
OUTPUT
50 pF
I/O
Z=50 Ohm
+1.4 V
50 Ohm
2.4V
0.4V
tT
tCL
tCH
I/O
Measurement conditions for
tac and toh
50 pF


Similar Part No. - V436616R24VATG-10PCL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
More results

Similar Description - V436616R24VATG-10PCL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
V826516G04S MOSEL-V826516G04S Datasheet
275Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826516B04S MOSEL-V826516B04S Datasheet
285Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
logo
Mosel Vitelic, Corp
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
logo
List of Unclassifed Man...
KVR133X64C3L128 ETC1-KVR133X64C3L128 Datasheet
34Kb / 1P
   128MB 16M x Bit PC133 CL3 Low Profile 168-Pin Dimm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com