Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V436616R24VATG-10PCL Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V436616R24VATG-10PCL
Description  128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436616R24VATG-10PCL Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V436616R24VATG-10PCL Datasheet HTML 1Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 2Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 3Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 4Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 5Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 6Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 7Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 8Page - Mosel Vitelic, Corp V436616R24VATG-10PCL Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSEL VITELIC
V436616R24V(L)
5
V436616R24V(L) Rev.1.0 November 2001
DC Characteristics
TA =0°Cto70°C; VSS =0V; VDD,VDDQ =3.3V ± 0.3V
31
Module Bank Density (Per Bank)
128 MByte
20
32
SDRAM Input Setup Time
1.5 ns
15
33
SDRAM Input Hold Time
0.8 ns
08
34
SDRAM Data Input Setup Time
1.5 ns
15
35
SDRAM Data Input Hold Time
0.8 ns
08
62-61
Superset Information (May be used in Future)
00
62
SPD Revision
Revision 2.0
02
63
Checksum for Bytes 0 - 62
29
64
Manufacturer’s JEDEC ID Code
Mosel Vitelic
40
65-71
Manufacturer’s JEDEC ID Code (cont.)
00
72
Manufacturing Location
73-90
Module Part Number (ASCII)
V436616R24V(L)
91-92
PCB Identification Code
93
Assembly Manufacturing Date (Year)
94
Assembly Manufacturing Date (Week)
95-98
Assembly Serial Number
99-125
Reserved
00
126
Intel Specification for Frequency
64
127
Supported Features
8D
128+
Unused Storage Location
00
Symbol
Parameter
Limit Values
Unit
Min.
Max.
VIH
Input High Voltage
2.0
VCC+0.3
V
VIL
Input Low Voltage
–0.5
0.8
V
VOH
Output High Voltage (IOUT = –2.0 mA)
2.4
V
VOL
Output Low Voltage (IOUT =2.0 mA)
0.4
V
II(L)
Input Leakage Current, any input
(0 V < VIN < 3.6 V, all other inputs = 0V)
–40
40
µA
IO(L)
Output leakage current
(DQ is disabled, 0V < VOUT <VCC)
–40
40
µA
SPD-Table: (Continued)
Byte Number
Function Described
SPD Entry Value
Hex Value
16Mx64


Similar Part No. - V436616R24VATG-10PCL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
More results

Similar Description - V436616R24VATG-10PCL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
V826516G04S MOSEL-V826516G04S Datasheet
275Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826516B04S MOSEL-V826516B04S Datasheet
285Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
logo
Mosel Vitelic, Corp
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
logo
List of Unclassifed Man...
KVR133X64C3L128 ETC1-KVR133X64C3L128 Datasheet
34Kb / 1P
   128MB 16M x Bit PC133 CL3 Low Profile 168-Pin Dimm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com