Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAX27A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZAX27A
Description  MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZAX27A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZAX27A Datasheet HTML 1Page - List of Unclassifed Manufacturers ZAX27A Datasheet HTML 2Page - List of Unclassifed Manufacturers ZAX27A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ORDER CODE:
State part number: ZAX27A
SPECIFICATIONS
High voltage side
Low voltage side
Mains voltage
230V ac
10% @ 50Hz
Supply voltage
5V
Supply current
30mA (max.)
Supply current
30mA (max.)
Max. RMS Load current
5A (max.).
Control input range
0 to 1V or 0 to 5V
Load power range
10W (min.); 1KW (max.)
Inhibit high logic
>4V
Over temp. shut down
90ºC
Inhibit low logic
<3V
Over temp. reset
60ºC
Supply voltage rejection
0.5%/V
Isolation Classification
Class II
Temperature coefficient
0.25%/ºC
Max. Cable entry
2.5mm
2
Operating temperature
0 to +65ºC
Dimensions
Overall (Max.)
21mm (H), excluding leads x 33mm (W) x 33mm (D)
FUSING:
A semiconductor (fast acting) type fuse is supplied as standard for unit protection. On initial switch on some
loads may need an increased Factor of Safety (F of S) for unit and/or device protection. For spares or
replacements contact our sales desk.
CE MARKING
This product family carries a CE marking . These phase angle controllers need a suitable remote filter. For
information see recommendation section and contact our sales desk.
RECOMMENDATIONS AND SAFETY GUIDELINES
Other documents available on request, which may be appropriate for your applications.
CODE
IDENTITY
DESCRIPTION
X20008
ZAX27A
Multi-mode mains module
Instruction manual
X10229
RFI
Filtering recommendation - addressing EMC Directive
X10213
ITA
Interaction, uses for phase angle and for burst fire control.
X10255
SRA
Safety requirements - addressing the Low Voltage Directive
including :- Thermal data/cooling ; Live parts warning & Earth
requirements; Fusing recommendations.
AP02/4
COS
UAL Conditions of sale
NOTE It is recommended that installation and maintenance of this equipment should be done with
reference to the current edition of the I.E.E. wiring regulations (BS7671) by suitably qualified / trained
personnel. The regulations contain important requirements regarding safety of electrical equipment.
(For International standards refer to I.E.C. directive IEC950).
UNITED AUTOMATION LIMITED
1Southport Business Park
Tel: 0044 (0) 1704
516500 Main
Kew
Tel: 0044 (0) 1704
516516 Sales
Southport, PR8 4HQ
Fax: 0044 (0) 1704
516501
ENGLAND
Enquiry@united-automation.com
www.united-automation.com
Page No. 2 of 2
Issue 2
31/03/05


Similar Part No. - ZAX27A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZAXM-201-KIT-1 CEL-ZAXM-201-KIT-1 Datasheet
1Mb / 19P
   APEX LT SERIES TRANSCEIVER MODULES
More results

Similar Description - ZAX27A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
   Mains Interface Relay Module
logo
Lorlin Electronics Ltd.
MSL LORLIN-MSL Datasheet
330Kb / 2P
   MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
   MS2000 MAINS ROTARY SWITCH MODULE
logo
IXYS Corporation
VBH40-05B IXYS-VBH40-05B Datasheet
54Kb / 3P
   Module with HiPerFETTM H-Bridge and Single Phase Mains Rectifier Bridge
logo
Skyworks Solutions Inc.
SKY77441 SKYWORKS-SKY77441 Datasheet
67Kb / 2P
   Multi-Mode / Multi-Band PA Module
logo
TriQuint Semiconductor
TQP9058H TRIQUINT-TQP9058H_15 Datasheet
154Kb / 1P
   Multi-Mode / Multi-Band Power Amplifier Module
logo
JDS Uniphase Corporatio...
49-3940-4000-B JDSU-49-3940-4000-B Datasheet
278Kb / 5P
   Uncooled Multi-Mode Pump Module
logo
Hotchip Technology Co.,...
HT2273 HOTCHIP-HT2273 Datasheet
1Mb / 10P
   Burst Mode Control
logo
Schaffner International...
RWK-3062 SCHAFFNER-RWK-3062 Datasheet
1Mb / 6P
   3-phase Line Reactor to reduce mains disturbances
logo
Littelfuse
MS0690J-DL1TE LITTELFUSE-MS0690J-DL1TE Datasheet
1Mb / 6P
   Thyristor AC controller module for mains frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com