Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM170220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM170220
Description  Current and Voltage Controls 3-Phase Voltage Sequence Control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM170220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM170220 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM170220 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice
1
Current and Voltage Controls
• 3-phase monitoring relay for phase
sequence/phase loss
• Measures when all 3 phases are present and
have the correct phase sequence
• Output: 10 A SPDT relay
• Plug-in type module
• S-housing
• LED-indication for power supply and output ON
• Power supply is the 3-phased measuring voltage
Product Description
3-phase plug-in monitoring
and phase sequence/phase-
loss relay. Frequently used to
prevent a 3-phase motor from
Ordering Key
Housing
Function
Output
Type
Power supply
Type Selection
Plug
Output
Supply: 220 VAC
Supply: 380 VAC
Supply: 400 VAC
Supply: 415 VAC
Circular
SPDT
SM 170 220
SM 170 380
SM 170 400
SM 170 415
Input Specifications
Input
Pin 5
Phase L1
Pin 6
Phase L2
Pin 7
Phase L3
Pin 11
Neutral (optional connection)
measures on own supply
Output
SPDT relay
Rated insulation voltage
250 VAC (rms)
(cont./elect.)
Contact ratings (AgCdO)
µ (micro gap)
Resistive loads
AC 1
10 A/250 VAC (2500 VA)
DC 1
1 A/250 VDC (250 W)
or
10 A/25 VDC (250 W)
Small inductive loads AC 15
2.5 A/230 VAC
DC 13
5 A/24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
AC 1
≥ 2.5 x 105 operations
(at max. load)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
≥ 2 kVAC (rms) (cont./elect.)
Rated impulse withstand volt.
4 kV (1.2/50 µs) (cont./elect.)
(IEC 60664)
running on only 2 phases or
to secure the right phase se-
quence when connecting a
load to the mains.
Power supply AC types
Overvoltage cat. III (IEC 60664)
Rated operational voltage
(IEC 60038)
Through pins 5, 6, 7 & 11
220
3 x 220 VAC ± 15%, 45 to 65 Hz
380
3 x 380 VAC ± 15%, 45 to 65 Hz
400
3 x 400 VAC ± 15%, 45 to 65 Hz
415
3 x 415 VAC ± 15%, 45 to 65 Hz
Internal measuring circuit is
connected to pins 5 & 7
Voltage interruption
≤ 40 ms
Dielectric voltage
None (supply/elect.)
Rated impulse withstand volt.
4 kV (1.2/50 µs) (line/neutral,
line/line), direct connection
to electronics
Rated operational power
2.5 VA
3-Phase Voltage Sequence Control
Type SM 170
Output Specifications
Supply Specifications
SM 170 400


Similar Part No. - SM170220

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM170 MIC-SM170 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Unlimited.
SM170808-1 DBUNLIMITED-SM170808-1 Datasheet
1Mb / 1P
   Released from Engineering
logo
MIC GROUP RECTIFIERS
SM170A MIC-SM170A Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM170220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
   Current and Voltage Controls 3-Phase Sequence and Phase Loss
A74-10 ETC2-A74-10 Datasheet
67Kb / 2P
   Current and Voltage Controls Current Transformer, 3-Phase
EFAC230 ETC2-EFAC230 Datasheet
65Kb / 2P
   Current and Voltage Controls Frequency Monitoring Control
M3PR ETC1-M3PR Datasheet
392Kb / 1P
   Phase Sequence / Failure and Under Voltage Relay
logo
Schneider Electric
RM17TE00 SCHNEIDER-RM17TE00 Datasheet
165Kb / 6P
   Zelio, 3 phase supply control relay, range 208 to 480 VAC, sequence, phase failure, phase imbalance, voltage
logo
List of Unclassifed Man...
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
logo
Littelfuse
777-P2 LITTELFUSE-777-P2 Datasheet
409Kb / 5P
   3-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
   VOLTAGE AND CURRENT CONTROL IC
NJM2346 NJRC-NJM2346 Datasheet
85Kb / 5P
   VOLTAGE AND CURRENT CONTROL IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com