Electronic Components Datasheet Search |
|
PCA9517AD Datasheet(PDF) 9 Page - NXP Semiconductors |
|
PCA9517AD Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 19 page PCA9517A_2 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 02 — 5 May 2008 9 of 19 NXP Semiconductors PCA9517A Level translating I2C-bus repeater 9. Static characteristics Table 5. Static characteristics VCC =2.7 V to 5.5 V; GND=0V; Tamb = −40 °Cto+85 °C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Supplies VCC(B) supply voltage port B 2.7 - 5.5 V VCC(A) supply voltage port A [1] 0.9 - 5.5 V ICC(VCC(A)) supply current on pin VCC(A) -- 1 mA ICCH HIGH-level supply current both channels HIGH; VCC = 5.5 V; SDAn = SCLn = VCC - 1.5 5 mA ICCL LOW-level supply current both channels LOW; VCC = 5.5 V; one SDA and one SCL = GND; other SDA and SCL open - 1.5 5 mA ICC(A)c contention port A supply current VCC = 5.5 V; SDAn = SCLn = VCC - 1.5 5 mA Input and output SDAB and SCLB VIH HIGH-level input voltage 0.7VCC(B) - 5.5 V VIL LOW-level input voltage [2] −0.5 - +0.3VCC(B) V VILc contention LOW-level input voltage −0.5 0.4 - V VIK input clamping voltage II = −18 mA - - −1.2 V ILI input leakage current VI = 3.6 V - - ±1 µA IIL LOW-level input current SDA, SCL; VI = 0.2 V - - 10 µA VOL LOW-level output voltage IOL = 100 µA or 6 mA 0.47 0.52 0.6 V VOL−VILc difference between LOW-level output and LOW-level input voltage contention guaranteed by design - - 70 mV ILOH HIGH-level output leakage current VO = 3.6 V - - 10 µA Cio input/output capacitance VI = 3 V or 0 V; VCC = 3.3 V - 6 7 pF VI = 3 V or 0 V; VCC =0V - 6 7 pF Input and output SDAA and SCLA VIH HIGH-level input voltage 0.7VCC(A) - 5.5 V VIL LOW-level input voltage [3] −0.5 - +0.3VCC(A) V VIK input clamping voltage II = −18 mA - - −1.2 V ILI input leakage current VI = 3.6 V - - ±1 µA IIL LOW-level input current SDA, SCL; VI = 0.2 V - - 10 µA VOL LOW-level output voltage IOL = 6 mA - 0.1 0.2 V ILOH HIGH-level output leakage current VO = 3.6 V - - 10 µA Cio input/output capacitance VI = 3 V or 0 V; VCC = 3.3 V - 6 7 pF VI = 3 V or 0 V; VCC =0V - 6 7 pF |
Similar Part No. - PCA9517AD |
|
Similar Description - PCA9517AD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |