Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9517ADP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9517ADP
Description  Level translating I2C-bus repeater
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9517ADP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9517ADP Datasheet HTML 2Page - NXP Semiconductors PCA9517ADP Datasheet HTML 3Page - NXP Semiconductors PCA9517ADP Datasheet HTML 4Page - NXP Semiconductors PCA9517ADP Datasheet HTML 5Page - NXP Semiconductors PCA9517ADP Datasheet HTML 6Page - NXP Semiconductors PCA9517ADP Datasheet HTML 7Page - NXP Semiconductors PCA9517ADP Datasheet HTML 8Page - NXP Semiconductors PCA9517ADP Datasheet HTML 9Page - NXP Semiconductors PCA9517ADP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PCA9517A_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 5 May 2008
6 of 19
NXP Semiconductors
PCA9517A
Level translating I2C-bus repeater
Fig 5.
Typical star application
VCC(B)
VCC(A)
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
10 k
10 k
SDA
SCL
BUS
MASTER
SLAVE
400 kHz
SDA
SCL
VCC(B)
VCC(A)
10 k
10 k
VCC(B)
VCC(A)
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
10 k
10 k
SLAVE
400 kHz
SDA
SCL
002aad469
VCC(B)
VCC(A)
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
10 k
10 k
SLAVE
400 kHz
SDA
SCL
Fig 6.
Typical series application
002aad470
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
SDA
SCL
BUS
MASTER
SLAVE
400 kHz
SDA
SCL
10 k
10 k
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
VCC
PCA9517A
SDAA
SDAB
SCLA
SCLB
EN
10 k
10 k
10 k
10 k
10 k
10 k


Similar Part No. - PCA9517ADP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9517ADMR2G ONSEMI-PCA9517ADMR2G Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
PCA9517ADMR2G ONSEMI-PCA9517ADMR2G Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
PCA9517ADR2G ONSEMI-PCA9517ADR2G Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
PCA9517ADR2G ONSEMI-PCA9517ADR2G Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
More results

Similar Description - PCA9517ADP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com