Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76613-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 76613-2
Description  Pulse Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

76613-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  76613-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 76613-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
766 SERIES
Pulse Transformers
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies Inc.
Power Electronics Division
3400 E Britannia Drive,
Tucson, Arizona 85706 USA.
Tel: +1(800) 547–2537
Fax:+1(800) 77 0– 9369
email: info@cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2002
NMP 766.4
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
MECHANICAL DIMENSIONS (6 PIN DIP PACKAGE STYLE)
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
12.70
10.16
PIN CONNECTION STYLE (6 PIN DIP - TOP VIEW)
0.56Ø ±0.05
2.54
2.54
1
3
5
2
4
6
8.89 max
5.84
6.35
5.08
5.08
5.08
10.00
1
12.70
10.16
0.56Ø ±0.05
2.54
2.54
1
3
5
2
6
8.89 max
5.84
6.35
10.00
2
12.70
10.16
0.56Ø ±0.05
1
5
2
6
8.89 max
5.84
6.35
10.00
3
602
1
613
1
610
6
Pri
Pri
Sec
Sec 1
Pri
Sec 2
Sec
1
5
A
B
1
5
C
1
3
5
2
6
Pri
Sec
1
3
5
E
2
6
Pri
Pri
Sec
Sec
1
3
5
F
2
4
6
1
5
G
2
6
Pri
Sec 1
Sec 2
1
3
5
H
2
4
6
2
6
2
4
6
Pri
Sec 1
Sec 2
D
1
3
5
2
4
6
YYWW
YYWW
YYWW


Similar Part No. - 76613-2

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
766131 CANDD-766131 Datasheet
302Kb / 2P
   Pulse Transformers
766132 CANDD-766132 Datasheet
302Kb / 2P
   Pulse Transformers
766133 CANDD-766133 Datasheet
302Kb / 2P
   Pulse Transformers
More results

Similar Description - 76613-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
   Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
   PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
   PULSE TRANSFORMERS
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
   Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
772 MURATA-PS-772 Datasheet
206Kb / 3P
   Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
   Pulse transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com