Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4890E Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4890E
Description  1000 Base-T, ±15kV ESD Protection LAN Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4890E Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4890E Datasheet HTML 3Page - Maxim Integrated Products MAX4890E Datasheet HTML 4Page - Maxim Integrated Products MAX4890E Datasheet HTML 5Page - Maxim Integrated Products MAX4890E Datasheet HTML 6Page - Maxim Integrated Products MAX4890E Datasheet HTML 7Page - Maxim Integrated Products MAX4890E Datasheet HTML 8Page - Maxim Integrated Products MAX4890E Datasheet HTML 9Page - Maxim Integrated Products MAX4890E Datasheet HTML 10Page - Maxim Integrated Products MAX4890E Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1000 Base-T, ±15kV ESD Protection LAN Switches
_______________________________________________________________________________________
7
Digital Control Inputs
The MAX4890E/MAX4892E provide a single digital con-
trol SEL. SEL controls the switches as well as the LED
switches as shown in Table 1.
Analog Signal Levels
The on-resistance of the MAX4890E/MAX4892E is very
low and stable as the analog input signals are swept
from ground to V+ (see the Typical Operating
Characteristics). The switches are bidirectional, allow-
ing A_ and _B_ to be configured as either inputs or out-
puts.
ESD Protection
The MAX4890E/MAX4892E are characterized using the
Human Body Model for ±15kV of ESD protection. Figure 5
shows the Human Body Model. This model consists of a
100pF capacitor charged to the ESD voltage of interest
which is then discharged into the test device through a
1.5k
Ω resistor. All signal and control pins are ESD pro-
tected to ±15kV HBM (Human Body Model).
Applications Information
Typical Operating Circuit
The Typical Operating Circuit shows the MAX4890E/
MAX4892E in a 1000 Base-T docking station application.
Power-Supply Sequencing and
Overvoltage Protection
Caution: Do not exceed the absolute maximum ratings.
Stresses beyond the listed ratings may cause perma-
nent damage to the device.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not
current limited.
Layout
High-speed switches require proper layout and design
procedures for optimum performance. Keep design-con-
trolled-impedance pc board traces as short as possible.
Ensure that bypass capacitors are as close as possible
to the device. Use large ground planes where possible.
Chip Information
PROCESS: BiCMOS
SEL
CONNECTION
0
A_ to _B1, LED_ to _LED1
1
A_ to _B2, LED_ to _LED2
Table 1. Truth Table


Similar Part No. - MAX4890E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4890ETJ MAXIM-MAX4890ETJ Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
MAX4890ETJ MAXIM-MAX4890ETJ Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
More results

Similar Description - MAX4890E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4927 MAXIM-MAX4927 Datasheet
189Kb / 13P
   1000 Base-T, 짹15kV ESD Protection LAN Switch
Rev 0; 6/07
logo
Filtran LTD
6687 FILTRAN-6687 Datasheet
120Kb / 1P
   LAN 1000 Base-T Magnetic Modules
logo
Wurth Elektronik GmbH &...
74991114410 WURTH-74991114410 Datasheet
432Kb / 6P
   WE-RJ45 LAN Transformer 1000 Base-T
001.000
logo
Bothhand USA, LP.
NS0068LF BOTHHAND-NS0068LF Datasheet
274Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068C BOTHHAND-NS0068C Datasheet
263Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068D BOTHHAND-NS0068D Datasheet
267Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068 BOTHHAND-NS0068 Datasheet
276Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NA0069RMLF BOTHHAND-NA0069RMLF Datasheet
242Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA69LF BOTHHAND-NA69LF Datasheet
236Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
logo
Filtran LTD
7439 FILTRAN-7439 Datasheet
170Kb / 2P
   LAN 1000 Base T Dual Port Magnetic Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com