Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NME0305 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NME0305
Description  Isolated 1WSingle Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NME0305 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NME0305 Datasheet HTML 1Page - List of Unclassifed Manufacturers NME0305 Datasheet HTML 2Page - List of Unclassifed Manufacturers NME0305 Datasheet HTML 3Page - List of Unclassifed Manufacturers NME0305 Datasheet HTML 4Page - List of Unclassifed Manufacturers NME0305 Datasheet HTML 5Page - List of Unclassifed Manufacturers NME0305 Datasheet HTML 6Page - List of Unclassifed Manufacturers NME0305 Datasheet HTML 7Page - List of Unclassifed Manufacturers NME0305 Datasheet HTML 8Page - List of Unclassifed Manufacturers NME0305 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DC-DC Converters
1
features
p Single Isolated Output
p 1kVDC Isolation
p Pin Compatible with LME & NML
p SIP & DIP Package Styles
p Efficiency to 75%
p Power Density 1.45W/cm3
p 3.3V, 5V, 12V, 24V & 48V Input
p 3.3V, 5V, 9V, 12V and 15V Output
p Footprint from 0.69 cm2
p UL 94V-0 Package Material
p No Heatsink Required
p Internal SMD Construction
p Toroidal Magnetics
p Fully Encapsulated
p No External Components Required
p MTTF up to 3.2 Million Hours
p PCB Mounting
p Custom Solutions Available
description
The NME Series of DC-DC Converters is
particularly suited to isolating and/or con-
verting DC power rails. The galvanic isola-
tion allows the device to be configured to
provide an isolated negative rail in systems
where only positive rails exist.
NME SERIES
Isolated 1W Single Output
pin connections
8 Pin DIP (top view)
4 Pin SIP
0V
+V
75
14
GND
VIN
1234
GND VIN 0V +V


Similar Part No. - NME0305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NME0505 ETC-NME0505 Datasheet
47Kb / 2P
   DC/DC Converters NME SERIES 1 WATT
logo
C&D Technologies
NME0505D CANDD-NME0505D Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NME0505DC MURATA-PS-NME0505DC Datasheet
207Kb / 11P
   Isolated 1W Single Output DC-DC Converters
NME0505DC MURATA-PS-NME0505DC Datasheet
1Mb / 13P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - NME0305

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
TMA-XS MICRODC-TMA-XS Datasheet
664Kb / 3P
   Fixed Input, Isolated 1WSingle&DualOutputDC/DC Converters
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
   Isolated output
VI-B2L-IW VICOR-VI-B2L-IW Datasheet
712Kb / 6P
   Isolated output
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
   Isolated Current Output
REV. 0
5B39 AD-5B39 Datasheet
689Kb / 8P
   Isolated Current Output
REV. 0
logo
List of Unclassifed Man...
VBED15-D12-S12-1A ETC2-VBED15-D12-S12-1A Datasheet
460Kb / 3P
   쨌15W Isolated Output
ZUW31212 ETC2-ZUW31212 Datasheet
145Kb / 3P
   Isolated between input-output
logo
Analog Devices
7B39 AD-7B39_15 Datasheet
532Kb / 8P
   Isolated, Process Current Output
REV. 0
logo
Texas Instruments
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
[Old version datasheet]   5A Non-Isolated Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com