Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3002GML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC3002GML
Description  FOM Management IC with Internal Calibr ation
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002GML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC3002GML Datasheet HTML 3Page - Micrel Semiconductor MIC3002GML Datasheet HTML 4Page - Micrel Semiconductor MIC3002GML Datasheet HTML 5Page - Micrel Semiconductor MIC3002GML Datasheet HTML 6Page - Micrel Semiconductor MIC3002GML Datasheet HTML 7Page - Micrel Semiconductor MIC3002GML Datasheet HTML 8Page - Micrel Semiconductor MIC3002GML Datasheet HTML 9Page - Micrel Semiconductor MIC3002GML Datasheet HTML 10Page - Micrel Semiconductor MIC3002GML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
7
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
Pin Configuration
24-Pin MLF
® (MLF-24)
Pin Description
Pin Number
Pin Name
Pin Function
1
FB
Analog Input. Feedback voltage for the APC loop op-amp. Polarity and scale are programmable
via the APC configuration bits. Connect to VBIAS if APC is not used.
2
VMPD
Analog Input. Multiplexed A/D converter input for monitoring transmitted optical power via a
monitor photodiode. In most applications, VMPD will be connected directly to FB. The input range
is 0 - VREF or 0 - VREF/4 depending on the setting of the APC configuration bits
3
GNDA
Ground return for analog functions.
4
VDDA
Power supply input for analog functions.
5
VILD–
Analog Input. Reference terminal for the multiplexed pseudo-differential A/D converter inputs for
monitoring laser bias current via a sense resistor (VILD+ is the sensing input). Tie to VDD or GND
to reference the voltage sensed on VILD+ to VDD or GND, respectively. Limited common-mode
voltage range, see “Applications Information” section for more details.
6
VILD+
Analog Input. Multiplexed A/D input for monitoring laser bias current via a sense resistor (signal
input); accommodates inputs referenced to VDD or GND (see pin 5 description). Limited common-
mode voltage range, see “Applications Information” section for more details.
7
SHDN/TXFIN
Digital output/Input; programmable polarity. When used as shutdown output (SHDN), OEMCFG3-2
set to 0, SHDN is asserted at the detection of a fault condition if OEMCFG4-7 is set to 0. If the
latter bit is set to 1, a fault condition will not assert SHDN. When programmed as TXFIN, it is an
input for external fault signals to be ORed with the internal fault sources to drive TXFAULT.
8
VRX
Analog Input. Multiplexed A/D converter input for monitoring received optical power. The input
range is 0 to VREF. A 5-bit programmable EEPOT on this pin provides for coarse calibration and
ranging of the RX power measurement.
9
XPN
Analog Input/Output. Optional connection to an external PN junction for sensing temperature at a
remote location. The Zone bit in OEMCFG1 determines whether temperature is measured using
the on-chip sensor or the remote PN junction.
10
TXFAULT
Digital Output; Open-Drain, programmable polarity. If OEMCFG5-4 is set to 0, a high level
indicates a hardware fault impeding transmitter operation. The state of this pin is always reflected
in the TXFLT bit.


Similar Part No. - MIC3002GML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3002GML MICREL-MIC3002GML Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibration
MIC3002GMLTR MICREL-MIC3002GMLTR Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibration
More results

Similar Description - MIC3002GML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001_11 Datasheet
1Mb / 76P
   FOM Management IC with Internal Calibration
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
   FOM Management IC
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
   SFP Management IC with Internal Calibration
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
   Charger Protection IC with Internal FET
logo
Unisonic Technologies
A7623 UTC-A7623_15 Datasheet
130Kb / 6P
   DRIVER IC WITH 3 INTERNAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com