Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C20800SAE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C20800SAE
Description  PCI Express 1:8 HCSL Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20800SAE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C20800SAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20800SAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20800SAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20800SAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20800SAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20800SAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20800SAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20800SAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20800SAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS8887B
10/19/07
PI6C20800S
PCI Express 1:8
HCSL Clock Buffer
Data Byte 0: Control Register
Bit
Descriptions
Type
Power Up Condition
Output(s) Affected
Pin
0
SRC_DIV#
0 = Divide by 2
1 = Normal
RW
1 = x1
OUT[0:7], OUT[0:7]#
NA
1
PLL/BYPASS#
0 = Fanout
1 = PLL
RW
1 = PLL
OUT[0:7], OUT[0:7]#
NA
2
PLL Bandwidth
0 = HIGH Bandwidth,
1 = LOW Bandwidth
RW
1 = Low
OUT[0:7], OUT[0:7]#
NA
3
RESERVED
4
RESERVED
5
RESERVED
6
SRC_STOP#
0 = Driven when stopped
1 = Tristate
RW
0 = Driven when stopped
OUT[0:7], OUT[0:7]#
7
PWRDWN#
0 = Driven when stopped
1 = Tristate
RW
0 = Driven when stopped
OUT[0:7], OUT[0:7]#
NA
Data Byte 1: Control Register
Bit
Descriptions
Type
Power Up Condition
Output(s) Affected
Pin
0
OUTPUTS enable
1 = Enabled
0 = Disabled
RW
1 = Enabled
OUT0, OUT0#
NA
1
RW
1 = Enabled
OUT1, OUT1#
NA
2
RW
1 = Enabled
OUT2, OUT2#
NA
3
RW
1 = Enabled
OUT3, OUT3#
NA
4
RW
1 = Enabled
OUT4, OUT4#
NA
5
RW
1 = Enabled
OUT5, OUT5#
NA
6
RW
1 = Enabled
OUT6, OUT6#
NA
7
RW
1 = Enabled
OUT7, OUT7#
NA
07-0237


Similar Part No. - PI6C20800SAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20800SAE PERICOM-PI6C20800SAE Datasheet
619Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
More results

Similar Description - PI6C20800SAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
PL602-2XSC MICREL-PL602-2XSC Datasheet
345Kb / 6P
   HCSL Compatible Clock Generator for PCI Express
logo
Renesas Technology Corp
841S101 RENESAS-841S101 Datasheet
453Kb / 24P
   Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
IDT8V41S104I RENESAS-IDT8V41S104I Datasheet
631Kb / 30P
   Crystal-to-HCSL 100MHz PCI EXPRESS™ Clock Synthesizer
2019
841S102 RENESAS-841S102 Datasheet
579Kb / 26P
   Crystal-to-HCSL, 100MHz PCI Express ™ Clock Synthesizer
July 7, 2016
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
   1 TO 4 HCSL CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C20800 PERICOM-PI6C20800 Datasheet
399Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
PI6C20800 PERICOM-PI6C20800_12 Datasheet
596Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com