Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHCU04 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54AHCU04
Description  HEX INVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AHCU04 Datasheet(HTML) 1 Page - Texas Instruments

  SN54AHCU04_08 Datasheet HTML 1Page - Texas Instruments SN54AHCU04_08 Datasheet HTML 2Page - Texas Instruments SN54AHCU04_08 Datasheet HTML 3Page - Texas Instruments SN54AHCU04_08 Datasheet HTML 4Page - Texas Instruments SN54AHCU04_08 Datasheet HTML 5Page - Texas Instruments SN54AHCU04_08 Datasheet HTML 6Page - Texas Instruments SN54AHCU04_08 Datasheet HTML 7Page - Texas Instruments SN54AHCU04_08 Datasheet HTML 8Page - Texas Instruments SN54AHCU04_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN54AHCU04, SN74AHCU04
HEX INVERTERS
SCLS234K – OCTOBER 1995 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Unbuffered Outputs
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54AHCU04 ...J OR W PACKAGE
SN74AHCU04 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54AHCU04 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
SN74AHCU04 . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
description/ordering information
The ’AHCU04 devices contain six independent inverters. These devices perform the Boolean function Y = A.
Internal circuitry consists of single-stage inverters that can be used in analog applications such as crystal
oscillators.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN – RGY
Tape and reel
SN74AHCU04RGYR
HD04
PDIP – N
Tube
SN74AHCU04N
SN74AHCU04N
SOIC – D
Tube
SN74AHCU04D
AHCU04
SOIC – D
Tape and reel
SN74AHCU04DR
AHCU04
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHCU04NSR
AHCU04
SSOP – DB
Tape and reel
SN74AHCU04DBR
HD04
TSSOP
PW
Tube
SN74AHCU04PW
HD04
TSSOP – PW
Tape and reel
SN74AHCU04PWR
HD04
TVSOP – DGV
Tape and reel
SN74AHCU04DGVR
HD04
CDIP – J
Tube
SNJ54AHCU04J
SNJ54AHCU04J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHCU04W
SNJ54AHCU04W
LCCC – FK
Tube
SNJ54AHCU04FK
SNJ54AHCU04FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54AHCU04_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCU04 TI-SN54AHCU04_07 Datasheet
925Kb / 20P
[Old version datasheet]   HEX INVERTERS
SN54AHCU04_0701 TI-SN54AHCU04_0701 Datasheet
1Mb / 23P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN54AHCU04_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com