Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V436616Y24VXXG-75 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V436616Y24VXXG-75
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436616Y24VXXG-75 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V436616Y24VXXG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V436616Y24VXXG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V436616Y24VXXG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V436616Y24VXXG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V436616Y24VXXG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V436616Y24VXXG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp V436616Y24VXXG-75 Datasheet HTML 10Page - Mosel Vitelic, Corp V436616Y24VXXG-75 Datasheet HTML 11Page - Mosel Vitelic, Corp V436616Y24VXXG-75 Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOSEL VITELIC
V436616Y24V
9
V436616Y24V Rev. 1.0 January 2002
.
5.
If clock rising time is longer than 1 ns, a time (tT/2 -0.5) ns has to be added to this parameter.
6.
Rated at 1.5V
7.
If tT is longer than 1 ns, a time (tT -1) ns has to be added to this parameter.
8.
Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be
given to “wake-up” the device.
9.
Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high.
Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command
is registered.
10.
Referenced to the time which the output achieves the open circuit condition, not to output voltage levels.
11.
tDAL is equivalent to tDPL +tRP.
1.4V
1.4V
tSETUP
tHOLD
tAC
tAC
tLZ
tOH
tHZ
CLOCK
INPUT
OUTPUT
50 pF
I/O
Z=50 Ohm
+1.4 V
50 Ohm
2.4V
0.4V
tT
tCL
tCH
I/O
Measurement conditions for
tac and toh
50 pF


Similar Part No. - V436616Y24VXXG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results

Similar Description - V436616Y24VXXG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VTG-10PC MOSEL-V436516S04VTG-10PC Datasheet
62Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644Y04VTG-10PC MOSEL-V43644Y04VTG-10PC Datasheet
147Kb / 10P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com