Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3379EEUD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3379EEUD
Description  ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3379EEUD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3379EEUD Datasheet HTML 1Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 2Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 3Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 4Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 5Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 6Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 7Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 8Page - Maxim Integrated Products MAX3379EEUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
_______________________________________________________________________________________
5
Note 1: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and not production tested.
Note 2: For normal operation, ensure VL < (VCC + 0.3V). During power-up, VL > (VCC + 0.3V) will not damage the device.
Note 3: To ensure maximum ESD protection, place a 1µF capacitor between VCC and GND. See Applications Circuits.
Note 4: 10% to 90%
Note 5: 90% to 10%
TIMING CHARACTERISTICS (continued)
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, RLOAD = 1M
Ω, I/O test signal of Figure 1, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
+1.2V
≤ VL ≤ VCC ≤ +3.3V
I/O VCC_ Rise Time (Note 4)
tRVCC
25
ns
I/O VCC_ Fall Time (Note 5)
tFVCC
30
ns
I/O VL_ Rise Time (Note 4)
tRVL
30
ns
I/O VL_ Fall Time (Note 5)
tFVL
30
ns
I/OVL-VCC
Driving I/O VL_20
Propagation Delay
I/OVCC-VL
Driving I/O VCC_20
ns
Channel-to-Channel Skew
tSKEW
Each translator equally loaded
10
ns
Maximum Data Rate
10
Mbps
+2.5V
≤ VL ≤ VCC ≤ +3.3V
I/O VCC_ Rise Time (Note 4)
tRVCC
15
ns
I/O VCC_ Fall Time (Note 5)
tFVCC
15
ns
I/O VL_ Rise Time (Note 4)
tRVL
15
ns
I/O VL_ Fall Time (Note 5)
tFVL
15
ns
I/OVL-VCC
Driving I/O VL_15
Propagation Delay
I/OVCC-VL
Driving I/O VCC_15
ns
Channel-to-Channel Skew
tSKEW
Each translator equally loaded
10
ns
Maximum Data Rate
16
Mbps
+1.8V
≤ VL ≤ VCC ≤ +2.5V
I/O VCC_ Rise Time (Note 4)
tRVCC
15
ns
I/O VCC_ Fall Time (Note 5)
tFVCC
15
ns
I/O VL_ Rise Time (Note 4)
tRVL
15
ns
I/O VL_ Fall Time (Note 5)
tFVL
15
ns
I/OVL-VCC
Driving I/O VL_15
Propagation Delay
I/OVCC-VL
Driving I/O VCC_15
ns
Channel-to-Channel Skew
tSKEW
Each translator equally loaded
10
ns
Maximum Data Rate
16
Mbps


Similar Part No. - MAX3379EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3379EEUD MAXIM-MAX3379EEUD Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3379EEUD MAXIM-MAX3379EEUD Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3379EEUD MAXIM-MAX3379EEUD Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3379EEUD++ MAXIM-MAX3379EEUD+ Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
More results

Similar Description - MAX3379EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3394E MAXIM-MAX3394E Datasheet
556Kb / 20P
   ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Rev 2; 2/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com