Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6WK-1F Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6WK-1F
Description  High-frequency Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WK-1F Datasheet(HTML) 7 Page - Omron Electronics LLC

  G6WK-1F Datasheet HTML 1Page - Omron Electronics LLC G6WK-1F Datasheet HTML 2Page - Omron Electronics LLC G6WK-1F Datasheet HTML 3Page - Omron Electronics LLC G6WK-1F Datasheet HTML 4Page - Omron Electronics LLC G6WK-1F Datasheet HTML 5Page - Omron Electronics LLC G6WK-1F Datasheet HTML 6Page - Omron Electronics LLC G6WK-1F Datasheet HTML 7Page - Omron Electronics LLC G6WK-1F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
G6W
G6W
Recommended Soldering Method
IRS Method (for Surface-mounting Terminal Relays)
• Temperatures indicate the surface temperatures of the PCB.
• The thickness of cream solder to be applied should be within a
range between 150 and 200
µm on OMRON's recommended
PCB pattern.
Visually check that the Relay is properly soldered.
Precautions
For general precautions, refer to the PCB Relay Catalog (X033).
Familiarize yourself with the precautions and glossary before
using the G6W.
Correct Use
High-frequency Characteristics Measurement Method and
Substrate to be Measured
High-frequency Characteristics for G6W are measured as shown
below.
Through-hole substrate
220 to
245
180 to
200
150
Soldering
Preheating
90 to 120
20 to 30
Time (s)
Relay
Solder
Insufficient
amount of
solder
Excessive
amount of
solder
Terminal
PCB
Land
Correct Soldering
Incorrect Soldering
G6W-1
50-
termination
resistances
Vector network analyzer
(Manufacture:
Agilent Technologies)
HP8753D
Convex position
Undersurface of relay
30
20
1.5
0.5
4.5
1.5
0.5 0.5
0.4
1.8-dia.
8.6
3
Twenty seven,
0.6-dia.,
through-hole
1.5
1.8
0.5
3
45˚
R2.1
R0.6
45˚
Through-hole


Similar Part No. - G6WK-1F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6WK-1F OMRON-G6WK-1F Datasheet
852Kb / 10P
   High-frequency Relay
More results

Similar Description - G6WK-1F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
   High Frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com