Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6WK-1F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6WK-1F
Description  High-frequency Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WK-1F Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6WK-1F Datasheet HTML 1Page - Omron Electronics LLC G6WK-1F Datasheet HTML 2Page - Omron Electronics LLC G6WK-1F Datasheet HTML 3Page - Omron Electronics LLC G6WK-1F Datasheet HTML 4Page - Omron Electronics LLC G6WK-1F Datasheet HTML 5Page - Omron Electronics LLC G6WK-1F Datasheet HTML 6Page - Omron Electronics LLC G6WK-1F Datasheet HTML 7Page - Omron Electronics LLC G6WK-1F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
G6W
G6W
Specifications
Contact Ratings
High-frequency Characteristics
Note:
1. The above values are initial values.
2. This values is for a load with V.SWR
≤ 1.2 at the imped-
ance of 50
Ω.
Coil Ratings
Single-side Stable Relays (G6W-1F, G6W-1P)
Single-winding Latching Relays (G6WU-1F, G6WU-1P)
Double-winding Latching Relays (G6WK-1F, G6WK-1P)
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23°C.
3. The maximum voltage is the highest voltage that can be imposed on the Relay coil.
Item
Load
Resistive load
Rated load
10 mA at 30 VAC
10 mA at 30 VDC
2.5 GHz, 50
Ω, 10 W (See note.)
Rated carry current
0.5 A
Max. switching voltage
30 VDC, 30 VAC
Max. switching current
0.5 A
Item
Frequency
2.0 GHz
2.5 GHz
Isolation
65 dB min.
60 dB min.
Insertion loss
0.2 dB max.
V.SWR
1.2 max.
Max. carry power
20 W (See note.)
Max. switching power
10 W (See note.)
Rated voltage
3 VDC
4.5 VDC
9 VDC
12 VDC
24 VDC
Rated current
66.7 mA
44.4 mA
22.2 mA
16.7 mA
8.3 mA
Coil resistance
45
101
405
720
2,880
Must operate voltage
80 % max. of rated voltage
Must release voltage
10 % min. of rated voltage
Maximum voltage
150 % of rated voltage
Power consumption
Approx. 200 mW
Rated voltage
9 VDC
12 VDC
Rated current
22.2 mA
16.7 mA
Coil resistance
405
720
Must set voltage
80 % max. of rated voltage
Must reset voltage
80 % max. of rated voltage
Maximum voltage
150 % of rated voltage
Power consumption
Approx. 200 mW
Rated voltage
3 VDC
4.5 VDC
9 VDC
12 VDC
24 VDC
Rated current
120 mA
80 mA
40 mA
30 mA
15 mA
Coil resistance
25
56
225
400
1,600
Must set voltage
80 % max. of rated voltage
Must reset voltage
80 % max. of rated voltage
Maximum voltage
150 % of rated voltage
Power consumption
Approx. 360 mW


Similar Part No. - G6WK-1F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6WK-1F OMRON-G6WK-1F Datasheet
852Kb / 10P
   High-frequency Relay
More results

Similar Description - G6WK-1F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
   High Frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com