Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6WU-1P-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G6WU-1P-R
Description  High-frequency Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WU-1P-R Datasheet(HTML) 6 Page - Omron Electronics LLC

  G6WU-1P-R Datasheet HTML 1Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 2Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 3Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 4Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 5Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 6Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 7Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
G6W
G6W
1
20
8
10
18
3
25
7
17
15 14
13
11
6
+
1
20
8
10
18
3
25
7
17
15 14
13
11
6
+
+
R
S
G6W-1P
G6WU-1P
5.08
5.08
7.6
Twelve,
0.6
8.9
20
9.4
Three,
0.4
10.16
15.24
19
8.6
19
3
5.9
2.54 2.54 2.54 2.54 2.54 2.54
7.62
5.08
1.8
Twelve, 1.8-dia.
0.8-dia.
1.6-dia.
Twelve, 1-dia.
0.8-dia.
1.6-dia.
1.6-dia.
0.8-dia.
Orientation mark
Orientation mark
2.7
Through-hole
G6W-1P
G6WU-1P
PCB Mounting Holes
(Bottom View)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(Bottom View)
Tolerance: ±0.3 mm unless specified.
+
R
17
18
10
8
20
16
15
13
14
11
12
3
5
6 7
S
+
G6WK-1F
20
9.4
0.2
0.2
5.08
11.6
9.2
15.24
22.2
Thirteen, 0.6
Three,
0.4
Orientation mark
Through-
hole
1.1
5.9
2.8
5.08 9.4
3.2
1.1
8.6
20.4
2.54 2.54 2.54 2.54 5.08
2.7
1.8
3
G6WK-1F
PCB Mounting Holes
(Top View)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(Top View)
Tolerance: ±0.3 mm unless specified.
1
20
8
10
18
3
25
7
17 16
15 14
13
11
6
+
R
S
+
G6WK-1P
5.08
5.08
7.6
8.9
20
9.4
Three,
0.4
10.16
15.24
19
8.6
5.9
2.54 2.54 2.54 2.54 2.54 2.54
7.62
5.08
Orientation mark
Thirteen,
0.6
3
1.8
2.7
19
Thirteen, 1.8-dia.
Thirteen, 1-dia.
0.8-dia.
1.6-dia.
1.6-dia.
0.8-dia.
Through-hole
0.8-dia.
1.6-dia.
G6WK-1P
PCB Mounting Holes
(Bottom View)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(Bottom View)
Tolerance: ±0.3 mm unless specified.


Similar Part No. - G6WU-1P-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6WU-1P OMRON-G6WU-1P Datasheet
852Kb / 10P
   High-frequency Relay
More results

Similar Description - G6WU-1P-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
   High Frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com