Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

295S224R253A32 Datasheet(PDF) 2 Page - CTS Corporation

Part # 295S224R253A32
Description  Commercial 24mm Diameter Composition Element Long Life Variable Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

295S224R253A32 Datasheet(HTML) 2 Page - CTS Corporation

  295S224R253A32 Datasheet HTML 1Page - CTS Corporation 295S224R253A32 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1- 40°
2- 50°
3- 60°
4- 270°
1- LINEAR
*2- 10%AUD
*3- 10%CCW AUD
* Available minimum
270° effective angle.
TAPER
EFFECTIVE
ELECTRIC ANGLE
A- ± 10%
B- ± 20%
RESIST TOL
EXAMPLES:
EXAMPLES:
RESISTANCE CODE
EXAMPLES
SHAFT LENGTH “L”
R- ROUNED
F- FLATTED .375" X .156”
(9.53 X 4.0mm)
K- KNURLED EIA S148 24 TEETH
S- SD SLOT .047" WIDE X .063" DEEP
(1.2mm X 1.6mm)
MOUNTING HOLE DETAIL
T
2
20
R
103
B
1
1
1
TERMINAL STYLE
T- SOLDER LUG
METAL SHAFT TRIM
MOUNTING STYLE “A”
CODE RESISTANCE
103
10 K
253
25 K
503
50 K
104
100 K
504
500 K
105
1Meg
FROM MOUNTING
SURFACE
1/32"INCREMENTS
BUSHING LENGTH:
1/32"INCREMENTS
2-
.250" (6.35mm)
3-
.375" (9.5mm)
8- 1.000" (25.4mm)
1- TWIST TAB MOUNT
20- .625" (15.9 mm)
24- .750" (19.11mm)
28- .875" (22.2 mm)
32- 1.000" (25.4 mm)
Ordering Information
mm
DIMENSION:
inch
T295 Metal Shaft, Bushing Mounting, Type “T” Solder Lug Terminals
SPECIALS
1- TWO LUGS
2- LOCATING
LUG RIGHT
SIDE
3- NO
LOCATING
LUG
4- LOCATING
LUG LEFT
SIDE
.410±.003
10.41±0.08
2.08±0.08
.082±.003
.062±.003
1.57±0.08
1.57±0.08
.062±.003
.164±.003
.500
.957
.438
.331
"L"±
0.8
.031
.445
.016
0.4
REF.
BASE OD
24.3
12.7
.410±.003
10.41±0.08
4.16±0.08
CLEARANCE HOLE
11.1
3/8-32 UNEF-2A
8.4
MTG. SURFACE
"A"±
11.3
295
.819
20.8
2 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/25/06
CTS Electronic Components
www.ctscorp.com
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
MOUNTING HOLE DETAIL
mm
DIMENSION:
inch
.410±.003
10.41±0.08
2.08±0.08
.082±.003
.062±.003
1.57±0.08
1.57±0.08
.062±.003
.164±.003
.500
.957
.438
"L"±
0.8
.031
.445
.016
0.4
REF.
BASE OD
24.3
12.7
.410±.003
10.41±0.08
4.16±0.08
CLEARANCE HOLE
11.1
3/8-32 UNEF-2A
MUNTING SURFACE
"A"±
11.3
.819
20.8
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
S295 Metal Shaft, Bushing Mounting, Faston Type “S” Formed Terminals
S- FASTON
1
2
3
1
2
3
C- ± 30%


Similar Part No. - 295S224R253A32

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
295 BUD-295 Datasheet
28Kb / 1P
   #10-32 x 5/8 LG, TRUSS HD, SCREW #10-32 NUT RETAINER
logo
Alpha Wire
295 ALPHAWIRE-295 Datasheet
97Kb / 3P
   Customer Specification
2/20/2023
logo
Festo Corporation.
2950 FESTO-2950 Datasheet
86Kb / 1P
   Toggle lever valve
4/8/22
logo
Heyco.
2950 HEYCO-2950 Datasheet
128Kb / 1P
   Open/Closed Bushings
logo
Belden Inc.
29500 BELDEN-29500 Datasheet
253Kb / 3P
   VFD 300% Gnd, 3CIG #16 Str TC, XLPO InsPVC Gnd
More results

Similar Description - 295S224R253A32

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
TOCOSAMERICA, INC.
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com