Electronic Components Datasheet Search |
|
PSD513B1-C-70L Datasheet(PDF) 10 Page - STMicroelectronics |
|
PSD513B1-C-70L Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 153 page PSD5XX Family 7 Figure 3. PSDsoft Development Tools PSDsilos III™ SILOSIII CHIP SIMULATION PSD Programmer PSDpro/MagicPro® CHIP PROGRAMMING PSD Compiler (ZPLD FITTING, ADDRESS TRANSLATION) PSDabel™ ZPLD DESCRIPTION (STATE MACHINE, DECODING) PSDsoft Development Software PSD Configuration CHIP CONFIGURATION THIRD PARTY PROGRAMMERS CODE FILE Shown in Figure 3 (below) is the software design flow for a PSD5XX device. PSDsoft—WSI’s software development suite—is used throughout the design phase. You start with a design file that is written in PSDabel-a high-level hardware description language (HDL). Before you compile your design, you must also configure the PSD5XX so it knows what signals to expect from your microprocessor and what pre-runtime options should be set (such as the security bit). Once you have a design file and have configured the device, you are ready to run the Fitter and Address Translator. The Fitter accepts input from PSDabel and PSD Configuration, synthesizes this user logic and configuration, and fits the design to the PSD silicon. The Address Translator process allows the user to map the MCU firmware from a cross-compiler (in Intel HEX or S-Record format) into the NVM memory blocks within the PSD. As a result, the MCU firmware is merged with the logic and configuration definition of the PSD. The output of the Address Translator and the Fitter is the required object file that is used by a programmer to program the PSD device. The object file includes chip configuration, the PLD fusemap, and MCU firmware information. PSDsilosIII is an optional program that provides functional chip-level simulation of the PSD5XX. PSDsoft automatically creates files for input to the simulator. These files convey relevant design information to the simulator. As a result, the user only has to create a stim- ulus file since all of the signals and node names are taken from the design file. 6.0 Design Flow |
Similar Part No. - PSD513B1-C-70L |
|
Similar Description - PSD513B1-C-70L |