Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84134130 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 84134130
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84134130 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 84134130 Datasheet HTML 3Page - List of Unclassifed Manufacturers 84134130 Datasheet HTML 4Page - List of Unclassifed Manufacturers 84134130 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84134130 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84134130 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84134130 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84134130 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84134130 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84134130 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
For other products, consult our specialist catalogues… For other products, consult our specialist catalogues…
1
4
9
Solid state relays
For accessories see page 4/10
GD two-phase (dual) relay
To order
s
For controlling three-phase supplies
s
Controls two or three phases of the supply
s
Used on star or delta-connected two-phase resistors with neutral not connected
s
Rating 25 A
s
Output voltages from 24 to 280 V
s
Back-to-back SCRs
s
Zero voltage switching
s
Input to output insulation voltage : 4000 V
s
Protection by RC filter
s
UL/CSA and CE approved
Zero voltage switching
25 A
24 • 280 V
a
4 • 15 V
c
600 V
Instantaneous switching
25 A
24 • 280 V
a
4 • 15 V
c
600 V
Zero voltage switching
40 A
24 • 280 V
a
4 • 15 V
c
600 V
Instantaneous switching
40 A
24 • 280 V
a
4 • 15 V
c
600 V
Versions
Rating
Output voltages
Input voltages
Peak voltages
84 130 210
84 130 211
84 130 230
84 130 231
Part number
Thermal curves
Dimensions
0
5
10
15
20
25
0
10
20
25
304050
60
70
80
°C
1
°C/W
2 °C/W
5 °C/W
ms
25,4
44,5
22,2
27,9
5,8
Ø4,7
Heatsinks
Accessories for solid state relays
66
3,8
50
4 x 10,35
112
1 phase
G, GA5, GT, GF
2 °C/W
L = 70 mm
260 g
Material : black anodised aluminium
1 phase
G, GA5, GT, GF
3 °C/W
L = 58 mm
250 g
Material : black anodised aluminium
3 phases
2 x G, GA5, GT, GF
0.7 °C/W
L = 75 mm
655 g
or 2 x 1 phase
1 x GA0, GA3
Material : black anodised aluminium
1 phase
G, GA5, GT, GF, GN
2 °C/W
L = 50 mm
150 g
Material : black anodised aluminium
Range
Thermal resistance
Length
Weight
26 532 760
Part number
26 532 761
26 532 762
26 532 758
26 532 801
To order
Adaptors for panel mounting (lot of 4)
For heatsink
26 532 758
47,6
7,3 ±0,15
4,4 ±0,2
76,2
87
M4
26 532 760
26 532 761
26 532 762
26 532 758
26 532 801


Similar Part No. - 84134130

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
84134130H CRYDOM-84134130H Datasheet
673Kb / 8P
   AC Output SSRs
More results

Similar Description - 84134130

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com