Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93S56-WDS6T Datasheet(PDF) 4 Page - STMicroelectronics

Part # M93S56-WDS6T
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S56-WDS6T Datasheet(HTML) 4 Page - STMicroelectronics

  M93S56-WDS6T Datasheet HTML 1Page - STMicroelectronics M93S56-WDS6T Datasheet HTML 2Page - STMicroelectronics M93S56-WDS6T Datasheet HTML 3Page - STMicroelectronics M93S56-WDS6T Datasheet HTML 4Page - STMicroelectronics M93S56-WDS6T Datasheet HTML 5Page - STMicroelectronics M93S56-WDS6T Datasheet HTML 6Page - STMicroelectronics M93S56-WDS6T Datasheet HTML 7Page - STMicroelectronics M93S56-WDS6T Datasheet HTML 8Page - STMicroelectronics M93S56-WDS6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
M93S66, M93S56, M93S46
4/34
SUMMARY DESCRIPTION
This specification covers a range of 4K, 2K, 1K bit
serial Electrically Erasable Programmable Memo-
ry (EEPROM) products (respectively for M93S66,
M93S56, M93S46). In this text, these products are
collectively referred to as M93Sx6.
Figure 2. Logic Diagram
Table 1. Signal Names
The M93Sx6 is accessed through a serial input (D)
and output (Q) using the MICROWIRE bus proto-
col. The memory is divided into 256, 128, 64 x16
bit words (respectively for M93S66, M93S56,
M93S46).
The M93Sx6 is accessed by a set of instructions
which includes Read, Write, Page Write, Write All
and instructions used to set the memory protec-
tion. These are summarized in Table 2. and Table
3.).
A Read Data from Memory (READ) instruction
loads the address of the first word to be read into
an internal address pointer. The data contained at
this address is then clocked out serially. The ad-
dress pointer is automatically incremented after
the data is output and, if the Chip Select Input (S)
is held High, the M93Sx6 can output a sequential
stream of data words. In this way, the memory can
be read as a data stream from 16 to 4096 bits (for
the M93S66), or continuously as the address
counter automatically rolls over to 00h when the
highest address is reached.
Within the time required by a programming cycle
(tW), up to 4 words may be written with help of the
Page Write instruction. the whole memory may
also be erased, or set to a predetermined pattern,
by using the Write All instruction.
Within the memory, a user defined area may be
protected against further Write instructions. The
size of this area is defined by the content of a Pro-
tection Register, located outside of the memory ar-
ray. As a final protection step, data may be
permanently protected by programming a One
Time Programming bit (OTP bit) which locks the
Protection Register content.
Programming is internally self-timed (the external
clock signal on Serial Clock (C) may be stopped or
left running after the start of a Write cycle) and
does not require an erase cycle prior to the Write
instruction. The Write instruction writes 16 bits at a
time into one of the word locations of the M93Sx6,
the Page Write instruction writes up to 4 words of
16 bits to sequential locations, assuming in both
cases that all addresses are outside the Write Pro-
tected area. After the start of the programming cy-
cle, a Busy/Ready signal is available on Serial
Data Output (Q) when Chip Select Input (S) is driv-
en High.
Figure 3. DIP, SO and TSSOP Connections
Note: See PACKAGE MECHANICAL section for package dimen-
sions, and how to identify pin-1.
S
Chip Select Input
D
Serial Data Input
Q
Serial Data Output
C
Serial Clock
PRE
Protection Register Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
AI02020
D
VCC
M93Sx6
VSS
C
Q
PRE
W
S
VSS
Q
W
PRE
C
SVCC
D
AI02021
M93Sx6
1
2
3
4
8
7
6
5


Similar Part No. - M93S56-WDS6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S56-W STMICROELECTRONICS-M93S56-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
More results

Similar Description - M93S56-WDS6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com