Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQW1608A62NJG00 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # LQW1608A62NJG00
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW1608A62NJG00 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LQW1608A62NJG00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
Standard Chip Coil
LQH1N/LQH3N/LQH(N)4N Series
CHIP COIL
3
Wire Wound Chip Coil with High Q Value
at High Frequencies and Low DC Resistance
The chip coil LQH/LQN series consists of miniature
chip inductors wound on a special ferrite core and are
made possible by an automatic winding technique
developed by Murata. These inductors have a high Q at
high frequencies and low DC resistance, making them
very well suited to enhancing the performance of
electronic circuits in video, communications, and
audio equipment.
!FEATURES
1. There are three different inductor types: the
LQH1N,LQH3N and LQH(N)4N series. These three series
cover a wide inductance range (from 0.1
µH to 2.2mH).
2. The series has outstanding frequency characteristics and
a high Q value at high frequencies.
3. The low DC resistance permits high current flow.
4. The series has excellent solder heat resistance. Both flow
and reflow soldering methods can be employed.
¡LQH1N
Miniature size (3.2
Z1.6Z1.8mm) allows parallel
mounting at 2.5mm pitch. The series is suitable for
portable audio-visual equipment.
¡LQH3N
A high Q value makes this series suitable for circuits
up to 100MHz in frequency. The series is excellent for
video equipment.
¡LQH(N)4N
This series offers high inductance values
and high current capacity. At 10
µH, up to 450mA
designs are possible, resulting in excellent
performance when the inductors are used as choke coils.
!DIMENSIONS
LQH1N Type
LQH4N/LQN4N Type
LQH3N Type
LQH1N Type
LQH3N Type
LQH4N/LQN4N Type
EIA Code:1210
2.3±0.2
3.2±0.3
1.6±0.2
0.7
min.
0.7
min.
0.7
min.
2.5±0.2
3.2±0.3
2.5±0.2
0.9
±0.3
0.9
±0.3
1.3
±0.2
3.6±0.2
4.5±0.3
3.2±0.2
1.0
min.
3.2±0.2
1.0
min.
1.0
min.
EIA Code:1206
EIA Code:1812
(in mm)


Similar Part No. - LQW1608A62NJG00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15A MURATA-LQW15A Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQW15AN10NG00 MURATA-LQW15AN10NG00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQW15AN10NG00 MURATA-LQW15AN10NG00 Datasheet
76Kb / 2P
   Inductance
LQW15AN10NG00B MURATA-LQW15AN10NG00B Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN10NG00B MURATA-LQW15AN10NG00B Datasheet
76Kb / 2P
   Inductance
More results

Similar Description - LQW1608A62NJG00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com