Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQW1608A62NJG00 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # LQW1608A62NJG00
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW1608A62NJG00 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button LQW1608A62NJG00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LQW1608A62NJG00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
5
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
LQH3NR10M34
0.10
20
700
LQH3NR18M34
0.18
200
650
LQH3NR27M34
0.27
25
600
LQH3NR39M34
0.39
25.2MHz
0.25
530
LQH3NR56M34
0.56
T20
160
LQH3NR68M34
0.68
30
470
LQH3NR82M34
0.82
120
450
LQH3N1R0M34
1.0
0.5
100
445
LQH3N1R2M34
1.2
0.6
425
LQH3N1R5K34
1.5
75
400
LQH3N1R8K34
1.8
0.7
60
390
LQH3N2R2K34
2.2
0.8
50
370
LQH3N2R7K34
2.7
20
0.9
43
320
LQH3N3R3K34
3.3
T10
1.0
38
300
LQH3N3R9K34
3.9
1.1
35
290
LQH3N4R7K34
4.7
1.2
31
270
LQH3N5R6K34
5.6
1.3
28
250
LQH3N6R8K34
6.8
1.5
25
240
Y25
LQH3N8R2K34
8.2
1MHz
1MHz
1.6
23
225
to
LQH3N100K(J)34
10
1.8
20
190
W85D
LQH3N120K(J)34
12
2.0
18
180
LQH3N150K(J)34
15
35
2.2
16
170
LQH3N180K(J)34
18
2.5
15
165
LQH3N220K(J)34
22
2.8
14
150
LQH3N270K(J)34
27
3.1
13
125
LQH3N330K(J)34
33
3.5
12
115
LQH3N390K(J)34
39
3.9
11
110
LQH3N470K(J)34
47
4.3
100
LQH3N560K(J)34
56
4.9
10
85
LQH3N680K(J)34
68
T10
5.5
9.0
80
LQH3N820K(J)34
82
(
T5)
6.2
8.5
70
LQH3N101K(J)34
100
40
7.0
8.0
80
LQH3N121K(J)34
120
8.0
7.5
75
LQH3N151K(J)34
150
9.3
7.0
70
LQH3N181K(J)34
180
10.2
6.0
LQH3N221K(J)34
220
11.8
5.5
65
LQH3N271K(J)34
270
796kHz
12.5
LQH3N331K(J)34
330
13.0
LQH3N391K(J)34
390
22.0
5.0
50
LQH3N471K(J)34
470
1kHz
50
25.0
45
LQH3N561K(J)34
560
28.0
40
Part Number
Inductance
Q
Nominal
Value(
µH)
Tolerance
(%)
Test
Frequency
Nominal
Value(min.)
Test
Frequency
DC Resistance
(
Ωmax.)
Self-resonant
Frequency
(MHz min.)
Allowable
Current
(mA)
Operating
Temp. Range
LQH3N


Similar Part No. - LQW1608A62NJG00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15A MURATA-LQW15A Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQW15AN10NG00 MURATA-LQW15AN10NG00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQW15AN10NG00 MURATA-LQW15AN10NG00 Datasheet
76Kb / 2P
   Inductance
LQW15AN10NG00B MURATA-LQW15AN10NG00B Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN10NG00B MURATA-LQW15AN10NG00B Datasheet
76Kb / 2P
   Inductance
More results

Similar Description - LQW1608A62NJG00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com