Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

040207F012JT1E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 040207F012JT1E
Description  Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

040207F012JT1E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  040207F012JT1E Datasheet HTML 1Page - List of Unclassifed Manufacturers 040207F012JT1E Datasheet HTML 2Page - List of Unclassifed Manufacturers 040207F012JT1E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Temperature coefficient
Short-time overload
Insulation resistance
Dielectric withstanding voltage
No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Terminal bending
Soldering heat
Solderability
Min. 95% coverage.
Temperature cycling
Humidity (Steady State)
Load life in humidity
Load life
• The values which are not of standard E-24 series (2% & 5%) and not of E-96 series (1%) could be offered on a case to case basis.
Special Feature:
E = Lead Free Plating type.
Packing Quantity:
1=1,000pcs
2=2,000pcs
3=3,000pcs
4=4,000pcs,
5=5,000pcs
C=10,000pcs
D=20,000pcs
Packing Type:
T = T/R packing
B = Bulk in Poly-bag
C = Bulk in cassette
Resistance Value:
E-24 series:
the 1
st digit is “0”, the 2nd & 3rd digits
are for the significant figures of the resis-
tance and the 4
th indicate the numbers of
E-96 series:
the 1
st to 3rd digits are for the significant
figures of the resistance and the 4
th digit
indicate the numbers of zeros following
Tolerance:
F = ±1%
G = ±2%
J = ±5%
Wattage:
Fill-in 2 digits
with the codes as
follow:
Normal size:
WG=1/16W,
WA=1/10W,
W8=1/8W,
WH=1/32W
Small size:
SA=1/10W-S,
S8=1/8W-S,
S4=1/4W-S,
S3=1/3W-S,
07=3/4W-S
Product Type:
Fill-in 4 digits with the Chip resistor type
as follow:
0402, 0603, 0805, 1206, 1210,
2010, 2512, 2D02, 4D02, 4D03,
16P8, 10P8, 10S8, 10T8, 10E9.
1
2
0
6
S
4
J
0
1
2
J
T
5
E
Performance Specifications
Thick Film Chip Resistors
UniOhm
4


Similar Part No. - 040207F012JT1E

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0402006 PHOENIX-0402006 Datasheet
45Kb / 2P
   Neutral busbar - NLS-CU 3/10 SN 2000MM
14.05.2012
logo
Zibo Seno Electronic En...
04020BQ ZSELEC-04020BQ Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - 040207F012JT1E

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com