Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

403C31LM Datasheet(PDF) 3 Page - CTS Corporation

Part # 403C31LM
Description  Surface Mount Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

403C31LM Datasheet(HTML) 3 Page - CTS Corporation

  403C31LM Datasheet HTML 1Page - CTS Corporation 403C31LM Datasheet HTML 2Page - CTS Corporation 403C31LM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document No. 008-0288-0
Page 3 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 403
3.2x2.5mm Low Cost
Surface Mount Crystal
QUALITY AND RELIABILITY
Quality systems meet or exceed the requirements of ISO 9000:2000 standards.
TAPE AND REEL INFORMATION
DIRECTION OF FEED
3.0
3.50
8.0
4.0
4.0
DIMENSIONS IN MILLIMETERS
Ø1.50
1.75
1.25
Ø23
Ø178
Ø60
17.5
120°
Ø13
2.0
Device quantity is 3,000 pieces minimum per 178mm reel.
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle:
400 cycles from –55°C to +125°C, 10 minute dwell at each temperature, 1
minute transfer time between temperatures.
Mechanical Shock:
1,500g’s, 0.5mS duration, ½ sinewave, 3 shocks each direction along 3
mutually perpendicular planes (18 total shocks).
Sinusoidal Vibration:
0.06 inches double amplitude, 10 to 55 Hz and 20g’s, 55 to 2,000 Hz, 3 cycles
each in 3 mutually perpendicular planes (9 times total).
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent liquid at
+125°C for 20 seconds.
Fine Leak:
Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent.
Resistance to Solder Heat:
Product must survive 3 reflows of +260°C peak, 10 seconds maximum.
High Temperature Operating Bias:
2,000 hours at +125°C, disregarding frequency shift.
Frequency Aging:
1,000 hours at +85°C, maximum ±5 ppm shift.
Insulation Resistance:
500M Ohms @ 100VDC ±15VDC.
Moisture Sensitivity Level:
Level 1 per JEDEC J-STD-020.


Similar Part No. - 403C31LM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
More results

Similar Description - 403C31LM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
405 CTS-405 Datasheet
135Kb / 3P
   Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
   Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
   Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
425 CTS-425 Datasheet
136Kb / 3P
   Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com