Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

403I31LM Datasheet(PDF) 2 Page - CTS Corporation

Part # 403I31LM
Description  Surface Mount Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

403I31LM Datasheet(HTML) 2 Page - CTS Corporation

  403I31LM Datasheet HTML 1Page - CTS Corporation 403I31LM Datasheet HTML 2Page - CTS Corporation 403I31LM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0288-0
Page 2 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 403
3.2x2.5mm Low Cost
Surface Mount Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUE
Operating Mode
Fundamental
Crystal Cut
AT-Cut
Frequency Range
12.0 MHz to 50.0 MHz
± 30 ppm Standard
(± 10 ppm, ± 15 ppm and ± 20 ppm Available)
Frequency Stability Tolerance
± 50 ppm Standard
(Operating Temperature Range, Referenced to 25°C Reading)
(± 10 ppm, ± 15 ppm, ± 20 ppm, ± 30 ppm and ± 40 ppm Available)
-20°C to +70°C Standard
(-40°C to +85°C Available)
Aging
± 3 ppm/year Maximum
Storage Temperature Range
-55°C to +125°C
Equivalent Series Resistance
See ESR Table
Load Capacitance or Resonance Mode
See Ordering Information
5.0 pF Maximum
(3.0 pF Typical)
Drive Level
10 µW Typical, 100 µW Maximum
Reflow Condition, per JEDEC J-STD-020
+255°C ± 5°C, 10 Seconds Maximum
Shunt Capacitance (C0)
Frequency Tolerance @ 25°C
Operating Temperature Range
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE
MODE of OSCILLATION ESR Maximum
12.00 MHz - 13.999 MHz
Fundamental
150 Ohms
14.00 MHz - 15.999 MHz
Fundamental
100 Ohms
16.00 MHz - 19.999 MHz
Fundamental
80 Ohms
20.00 MHz - 50.00 MHz
Fundamental
60 Ohms
MECHANICAL SPECIFICATIONS
MARKING INFORMATION
1. XX.XX – Frequency marked with 2 significant
digits after the decimal.
2. C – CTS and Pin 1 identifier.
3. YWW – Date Code, Y – Last Digit of Year,
WW – Week.
4. Complete CTS part number, frequency value
and date code information must appear on reel
and box labels.
NOTES
1. Termination pads (e4), barrier-plating is nickel
(Ni) with gold (Au) flash plate.
2. Terminations #2, #4 and the metal lid are
connected internally. End user may connect
these pins to circuit ground.
SUGGESTED SOLDER PAD GEOMETRY
0.085 [2.15]
0.061 [1.55]
0.039 [1.00]
Key:
[mm]
Inch
0.035 [0.90]
12
3
4
PACKAGE DRAWING
( 0.7 )
0.028
#2
Bottom View
Top View
2
1
4
3
( 0.8 )
0.031
( 1.0 )
0.039
0.047
( 1.2 )
( 0.80 )
MAX
( 3.20 ±0.20 )
0.126 ±0.008
0.031
( 2.50 ±0.20 )
0.098 ±0.008
Key:
( MM )
Inch
#2
#3
#4
#1
XX.XX
CYWW


Similar Part No. - 403I31LM

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
403 MARATHON-403 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Winchester Electronics ...
403-010-6040G WINCHESTER-403-010-6040G Datasheet
75Kb / 1P
   40 SERIES RIGHT ANGLE RECEPTACLE
403-010-6041G WINCHESTER-403-010-6041G Datasheet
83Kb / 1P
   40SERIES RIGHT ANGLE RECEPTACLE
403-010-6042G WINCHESTER-403-010-6042G Datasheet
87Kb / 1P
   40 SERIES RIGHT ANGLE RECEPTACLE
logo
HellermannTyton.
403-1-G HELLERMANNTYTON-403-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 403I31LM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
405 CTS-405 Datasheet
135Kb / 3P
   Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
   Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
   Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
425 CTS-425 Datasheet
136Kb / 3P
   Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com