Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1538SDPG-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1538SDPG-13
Description  18V 3A 300KHz BUCK CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1538SDPG-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1538SDPG-13 Datasheet HTML 1Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 2Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 3Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 4Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 5Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 6Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 7Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 8Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP1538
18V 3A 300KHz BUCK CONVERTER
AP1538
Rev.
2
2 of 14
JUNE 2008
www.diodes.com
© Diodes Incorporated
Pin Assignments
(1) SOP-8L
(2) SOP-8L-DEP (Dual Exposed Pads)
1
2
3
4
8
7
6
5
FB
Output
OCSET
Output
EN
Vss
Vss
VCC
( Top View )
1
2
3
4
8
7
6
5
FB
Output
OCSET
Output
EN
Vss
Vss
VCC
1
2
( Top View )
(Note 3)
Notes:
3. Exposed pad 1 is connected to VSS and exposed pad 2 is connected to Output. The board layout for exposed pads needs to be considered to
avoid short circuit.
Pin Descriptions
Pin Name
Pin No.
Description
FB
1
Feedback pin
EN
2
Power-off pin
H: Normal operation
(Step-down operation)
L: Step-down operation stopped
(All circuits deactivated)
OCSET
3
Add an external resistor to set max output current
VCC
4
IC power supply pin
Output
5, 6
Switch Pin. Connect external inductor/diode here. Minimize trace
area at this pin to reduce EMI
VSS
7, 8
GND Pin


Similar Part No. - AP1538SDPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1538SDPG-13 DIODES-AP1538SDPG-13 Datasheet
312Kb / 13P
   18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
More results

Similar Description - AP1538SDPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1538 DIODES-AP1538_09 Datasheet
312Kb / 13P
   18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
AP1530SG-13 DIODES-AP1530SG-13 Datasheet
259Kb / 12P
   18V 3A 300KHz BUCK CONVERTER
AP1530 DIODES-AP1530_09 Datasheet
259Kb / 12P
   18V 3A 300KHz BUCK CONVERTER
AP1530 Rev. 7
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
   18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
   300KHz, 3A Buck Converter
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
   18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
logo
Anachip Corp
AP1518 ANACHIP-AP1518 Datasheet
193Kb / 12P
   300KHz, 3A PWM Buck DC/DC Converter
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
   3A, 18V, Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com