Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84134080 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 84134080
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84134080 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 84134080 Datasheet HTML 4Page - List of Unclassifed Manufacturers 84134080 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84134080 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84134080 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84134080 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84134080 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84134080 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84134080 Datasheet HTML 11Page - List of Unclassifed Manufacturers 84134080 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Thermal interfaces
For other products, consult our specialist catalogues… For other products, consult our specialist catalogues…
1
4
10
Accessories for solid state relays (continued)
DIN rail adaptor
65
47,6
8,7
Suitable for use with heatsinks
55 g
26 532 760, 26 532 761 and 26 532 762
Characteristics
Weight
26 532 764
Part number
Part number
Part number
Part number
To order
To order
To order
To order
Heat transfer compound
silicon/zinc
20 g
oxide paste
Material
Weight
18 373 112
Part number
Solid state relay protection
To order
Varistor
GA5 - G (24 - 280 V
a)
In lots of 10
GA3 - G (36 - 530 V
a
In lots of 10
and 48 - 660 V
a)
GA0
Single
Type
26 532 740
26 532 741
26 532 742
Fuses
GMS 3 A and C 4
In lots of 10
for
GMS 5 A
In lots of 10
GMS relays
26 532 730
26 532 731
Part number
To order
Characteristics
Part number
- For G, GA5, GF and GT ranges
- For the 3-phase GA0 range and the GA3 range
26 532 720
26 532 721
To order
Thermstrate® thermal interface pads
Ø 3,9
38,48 38,48
73,4
1,78
21,59
8,89
3
27,34
6,35
6,35
11,43
27,34
R 7,62
R 6,35
Protective covers
polycarbonate UL 94 V0
Material
Fits GA3 range
Fits GA0 range
26 532 796
26 532 797
26 532 798
Ø 3,9
38,48 38,48
73,4
1,78
21,59
8,89
3
28,57
6,35
11,43
29,54
R 7,62
R 6,35
polycarbonate UL 94 V0
Material
Ø4
18,54
13,34
26,67
24,13 24,13
polycarbonate UL 94 V0 5 g
Material
Weight
Fits G, GA5, GF and GT ranges


Similar Part No. - 84134080

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
84134080H CRYDOM-84134080H Datasheet
673Kb / 8P
   AC Output SSRs
More results

Similar Description - 84134080

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com