Electronic Components Datasheet Search |
|
CD74HC4351EE4 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
CD74HC4351EE4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 23 page 9 Power Dissipation Capacitance (Notes 6, 7) 4352 CPD - - 5 - 74 ----- pF HCT TYPES Propagation Delay, Switch In to Switch Out tPLH, tPHL CL = 50pF 0 4.5 - - 7 - 9 - 11 ns -4.5 4.5 - - 5 - 7 - 8 ns Maximum Switch Turn “ON” Delay 4351 E1, E2, LE to VOS tPZH, tPZL CL = 50pF 0 4.5 - - 75 - 94 - 113 ns -4.5 4.5 - - 60 - 75 - 90 ns CL = 15pF - 5 - 35 ----- ns Maximum Switch Turn “ON” Delay 4351 Sn to VOS tPZH, tPZL CL = 50pF 0 4.5 - - 75 - 94 - 113 ns -4.5 4.5 - - 60 - 75 - 90 ns CL = 15pF - 5 - 35 ----- ns Maximum Switch Turn “OFF” Delay 4351 E1 to VOS tPHZ, tPLZ CL = 50pF 0 4.5 - - 55 - 69 - 83 ns -4.5 4.5 - - 40 - 50 - 60 ns CL = 15pF - 5 - 23 ----- ns Maximum Switch Turn “OFF” Delay 4351 E2 to VOS tPHZ, tPLZ CL = 50pF 0 4.5 - - 60 - 75 - 90 ns -4.5 4.5 - - 50 - 63 - 75 ns CL = 15pF - 5 - 23 ----- ns Maximum Switch Turn “OFF” Delay 4351 LE to VOS tPHZ, tPLZ CL = 50pF 0 4.5 - - 60 - 75 - 90 ns -4.5 4.5 - - 55 - 69 - 83 ns Maximum Switch Turn “OFF” Delay 4351 Sn to VOS tPHZ, tPLZ CL = 50pF 0 4.5 - - 65 - 81 - 98 ns -4.5 4.5 - - 55 - 69 - 83 ns CL = 15pF - 5 - 23 ----- ns Setup Time 4351 Sn to LE CL = 50pF 0 4.5 - - 12 - 15 - 18 ns -4.5 4.5 - - 14 - 18 - 21 ns Hold Time 4351 and 4352 Sn to LE CL = 50pF 0 4.5 5 - - 5 - 5 - ns -4.5 4.5 5 - - 5 - 5 - ns Pulse Width 4351 LE tW CL = 50pF 0 4.5 25 - - 31 - 28 - ns -4.5 4.5 25 - - 31 - 38 - ns Input (Control) Capacitance CI - ---- 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 6, 7) 4351 CPD - - 5 - 52 ----- pF NOTES: 6. CPD is used to determine the dynamic power consumption, per package. 7. PD =CPD VCC 2 f i + Σ (CL +CS)VCC 2 f o where fi = input frequency, fo = output frequency, CL = output load capacitance, CS = switch capacitance, VCC = supply voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VEE (V) VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352 |
Similar Part No. - CD74HC4351EE4 |
|
Similar Description - CD74HC4351EE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |